Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 185 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 185 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 181Page - PMC-Sierra, Inc PM5313 Datasheet HTML 182Page - PMC-Sierra, Inc PM5313 Datasheet HTML 183Page - PMC-Sierra, Inc PM5313 Datasheet HTML 184Page - PMC-Sierra, Inc PM5313 Datasheet HTML 185Page - PMC-Sierra, Inc PM5313 Datasheet HTML 186Page - PMC-Sierra, Inc PM5313 Datasheet HTML 187Page - PMC-Sierra, Inc PM5313 Datasheet HTML 188Page - PMC-Sierra, Inc PM5313 Datasheet HTML 189Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
153
AFPEN
Bit
DISJ1V1
Bit
APL[4:1]
Input Pin
AC1J1V1[4:1]/
AFP[4:1]
Input Pin
Comments
1
X
X
AFP marks first
SPE byte
position only
TPIP block
interprets
pointers for
J1/V1. Ignores
APL input.
Table 9 shows the system side DROP bus options:
Table 9
- System Side DROP Bus Configuration Options
ENDV1
DPL[4:1]
DC1J1V1[4:1]
1
DPL marks payload
bytes
DC1J1V1 marks C1,
J1 and V1 positions
0
DPL marks payload
bytes
DC1J1V1 marks C1
and J1 positions
only
11.16.2
Serial DS3 Interface
The Serial DS3 Interface conditions the input and output signals for the D3MA
and D3MD blocks. Note, STS-3c (STM-1/AU4) streams in an STS-12 (STM-
4/AU3/AU4) and STS-12c (STM-4-4c) streams are not supported by this
interface.
For an STS-12 (STM-4/AU3) receive operation using external DS3 framers,
twelve independent DS3 interfaces are provided to the twelve D3MD blocks for
demapping of DS3 streams from the SONET/SDH receive stream.
For STS-12 (STM-4/AU3) transmit operation using external DS3 framers, twelve
independent DS3 interfaces are provided to the twelve D3MA blocks for optional
mapping of DS3 streams into the SONET/SDH transmit stream.
For applications which drive a T3 line interface, the de-synchronized DS-3
streams must be de-jittered externally before it can be connected to the line
interface.
11.17 JTAG Test Access Port Interface
The JTAG Test Access Port block provides JTAG support for boundary scan. The
standard JTAG EXTEST, SAMPLE, BYPASS, IDCODE and STCTEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com