Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 147 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 147 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 143Page - PMC-Sierra, Inc PM5313 Datasheet HTML 144Page - PMC-Sierra, Inc PM5313 Datasheet HTML 145Page - PMC-Sierra, Inc PM5313 Datasheet HTML 146Page - PMC-Sierra, Inc PM5313 Datasheet HTML 147Page - PMC-Sierra, Inc PM5313 Datasheet HTML 148Page - PMC-Sierra, Inc PM5313 Datasheet HTML 149Page - PMC-Sierra, Inc PM5313 Datasheet HTML 150Page - PMC-Sierra, Inc PM5313 Datasheet HTML 151Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
115
Twelve RPPS’s (RPPS#1 to RPPS#12) are required to process the STS-12
(STM-4) receive stream from RLOP. The RX_DEMUX block is in charge of de-
multiplexing the STS-12 stream into 12 STS-1 streams. The mix of STS-3 (STM-
1/AU3), STS-3c (STM-1/AU4), STS-Nc (STM-1/AU4-Xc) within the STS-12
(STM-4) stream is arbitrary. For an STS-12 (STM-4) consisting of twelve STS-1
(STM-0/AU3) streams, individual RPPS’s will be independently processing an
STS-1 (STM-0/AU3) stream each. For an STS-12 (STM-4) consisting of four
STS-3/3c (STM-1/AU3/AU4) streams, the RPPS’s must be configured into four
groups with each group processing an STS-3/3c (STM-1/AU3/AU4) stream. An
STS-3 (STM-1/AU3) stream is processed as three independent STS-1 (STM-
0/AU3) streams by the individual RPPS’s in the group.
In processing an STS-3c (STM-1/AU4), the first STS-1 (STM-0/AU3) equivalent
stream will be processed by an RPPS (e.g. RPPS#1) configured as the master.
The master RPPS controls two slave RPPS’s (e.g. RPPS#5, RPPS#9) which
process the second and third STS-1 (STM-0/AU3) equivalent streams
respectively. Processing of a concatenated stream is co-ordinated by the control
signals originating from the master RPPS and status information fed back from
the slave RPPS’s. Similarly, an STS-12c (STM-4-4c) is processed by the master
RPPS (RPPS#1) controlling eleven slave RPPS’s (RPPS#2 to RPPS#12).
Path Overhead bytes are extracted and serialized on output RPOH. RPOH is a
multiplexed output signal carrying the path overhead bytes extracted by the
RPPS’s from all the receive STS-1 (STM-0/AU3) streams, STS-3c (STM-1/AU4)
streams or the single STS-12c (STM-4-4c) stream. Output RPOHFP is provided
to identify the most significant bit of the path trace byte (J1) of the first STS-1
(STM-0/AU3) or the first STS-3c (STM-1/AU4) or the single STS-12c (STM-4-4c)
on RPOH. Path overhead bytes are provided on RPOH at close to twice the rate
in which they are received to facilitate the multiplexing of the extracted data from
the various RPPS’s on to a single serial output. Output RPOHEN is provided to
mark the valid (fresh) path overhead bytes on RPOH. The path overhead clock,
RPOHCLK is nominally a 12.96 MHz clock. RPOH, RPOHEN and RPOHFP are
updated with timing aligned to RPOHCLK.
Received path BIP errors and receive path alarms for all the receive STS-1
(STM-0/AU3) streams, STS-3c (STM-1/AU4) streams or the single STS-12c
(STM-4-4c) stream are communicated to the corresponding transmit path
processing slices (TPPS’s) in a mate SPECTRA-622 via the receive alarm port.
The port carries the count of received path BIP errors. Detected receive alarms
are reported in the alarm port and will trigger the corresponding remote TPOP to
signal path RDI in the transmit stream.
The PRBS generator of an RPPS can be enabled to generate the DROP bus
transport frame in addition to the payload. For an STS-3c (STM-1/AU4) stream,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com