Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 145 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 145 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 141Page - PMC-Sierra, Inc PM5313 Datasheet HTML 142Page - PMC-Sierra, Inc PM5313 Datasheet HTML 143Page - PMC-Sierra, Inc PM5313 Datasheet HTML 144Page - PMC-Sierra, Inc PM5313 Datasheet HTML 145Page - PMC-Sierra, Inc PM5313 Datasheet HTML 146Page - PMC-Sierra, Inc PM5313 Datasheet HTML 147Page - PMC-Sierra, Inc PM5313 Datasheet HTML 148Page - PMC-Sierra, Inc PM5313 Datasheet HTML 149Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
113
streams, the line REI byte has 97 legal values (namely 00H - 60H) representing 0
to 96 line REI events. Illegal Z2/M1 values are interpreted as zero errors.
An interrupt output is provided that may be activated by declaration or removal of
line AIS, line RDI, protection switching byte failure alarm, a change of APS code
value, a single B2 error event, or a single line REI event. Each interrupt source is
individually maskable.
11.5 Receive Transport Overhead Controller (RTOC)
The Receive Transport Overhead Controller block (RTOC) extracts the entire
receive transport overhead on the RTOH, along with the nominal 20.736 MHz
transport overhead clock, RTOHCLK, and the transport overhead frame position
signal, RTOHFP, allowing identification of the bit positions in the transport
overhead stream.
In addition, non-gapped (smooth) individual channels are generated on the
outputs RSLD, ROH, RSUC, RLD and RLOW. These outputs are offered with two
clocking modes, a smooth or gapped clock, the RTOC handles the smooth
mode.. In the case of the smooth clock modes, output generated clocks are
smooth and the RTOHFP can be used to identify the required byte alignment on
the serial inputs. In gapped clock mode, the output generated clocks are gapped
and gap detection circuitry is needed to identify the required data alignment on
the serial outputs. The extracted TOH bytes on the above ports may also be
forced to all ones on declaration of LOS/LOF/LAIS/TIM alarms.
11.6 Ring Control Port
The Transmit and Receive Ring Control Ports provide bit serial access to section
and line layer alarm and maintenance signal status and control. These ports are
useful in ring-based add drop multiplexer applications where alarm status and
maintenance signal insertion control must be passed between separate
SPECTRA-622s (possibly residing on separate cards). Each ring control port
consists of three signals: clock, data and frame position. It is intended that the
clock, data and frame position outputs of the receive ring control port are
connected directly to the clock, data and frame position inputs of the transmit ring
control port on the mate SPECTRA-622. The alarm status and maintenance
signal control information that is passed on the ring control ports consists of
• Filtered APS (K1 and K2) byte values
• Change of filtered APS byte value status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com