Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 146 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 146 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 142Page - PMC-Sierra, Inc PM5313 Datasheet HTML 143Page - PMC-Sierra, Inc PM5313 Datasheet HTML 144Page - PMC-Sierra, Inc PM5313 Datasheet HTML 145Page - PMC-Sierra, Inc PM5313 Datasheet HTML 146Page - PMC-Sierra, Inc PM5313 Datasheet HTML 147Page - PMC-Sierra, Inc PM5313 Datasheet HTML 148Page - PMC-Sierra, Inc PM5313 Datasheet HTML 149Page - PMC-Sierra, Inc PM5313 Datasheet HTML 150Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
114
• Protection switch byte failure alarm status
• Change of protection switch byte failure alarm status
• Insert the line RDI maintenance signal in the mate SPECTRA-622
• Insert the line AIS maintenance signal in the mate SPECTRA-622
• Insert line REI information in the mate SPECTRA-622.
The same APS byte values must be seen for three consecutive frames before
being shifted out on the receive ring control port. The change of filtered APS byte
value status is high for one frame when a new, filtered APS value is shifted out.
The APS byte are not checked for valid value, only for identical values.
The protection switch byte failure alarm bit position is high when after twelve
consecutive frames, starting with the last frame of the last three identical bytes
sequence, no three consecutive frames contain identical K1 bytes have been
received. The bit position is set low when three consecutive frames containing
identical K1 bytes have been received. The change of protection switch byte
failure alarm status bit position is set high for one frame when the alarm state
changes.
The insert line RDI bit position is set high under register control, or when loss of
signal, loss of frame, or line AIS alarms are declared. The insert line AIS bit
position is set high under register control only.
The insert line REI bit positions are high for one bit position for each detected B2
bit error. Up to 96 line REIs may be indicated per frame for an STS-12 (STM-4)
stream.
11.7 Receive Path Processing Slice (RPPS)
The Receive Path Processing Slice (RPPS) provides path processing,
termination of one-twelfth of the STS-12/12c (STM-4/AU3/AU4/AU4-Xc) stream
received from the RLOP and provides DS3 de-mapping. Path processing
includes pointer interpretation, path overhead and synchronous payload
envelope (virtual container) extraction, and path level alarm and performance
monitoring. Path trace identifier message (J1 bytes) is also extracted and
processed. Plesiochronous frequency offsets between the receive data stream
and the DROP bus are accommodated by pointer adjustments. The RPPS can
also be configured to demap a DS3 signal from an STS-1 (STM-0/AU3) payload.
PRBS payload generation and monitoring is also supported on a per STS (AU)
basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com