Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 139 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 139 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 135Page - PMC-Sierra, Inc PM5313 Datasheet HTML 136Page - PMC-Sierra, Inc PM5313 Datasheet HTML 137Page - PMC-Sierra, Inc PM5313 Datasheet HTML 138Page - PMC-Sierra, Inc PM5313 Datasheet HTML 139Page - PMC-Sierra, Inc PM5313 Datasheet HTML 140Page - PMC-Sierra, Inc PM5313 Datasheet HTML 141Page - PMC-Sierra, Inc PM5313 Datasheet HTML 142Page - PMC-Sierra, Inc PM5313 Datasheet HTML 143Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
107
11 FUNCTIONAL DESCRIPTION
11.1 Receive Line Interface
The Receive Line Interface block performs clock and data recovery on the
incoming 622.08 Mbit/s data stream and performs serial to parallel conversion
based on the recovered SONET/SDH A1/A2 framing pattern. It allows direct
interface of the SPECTRA-622 to optical modules (ODLs) or other medium
interfaces. The clock and data recovery unit can be bypassed using by setting
the RBYP bit of the SPECTRA-622 Line Configuration #1 register (0002H) to
allow interworking the SPECTRA-622 with an external CRU.
The Receive line interface can also be configured as a parallel interface. The 8
bit parallel interface supplies data and parallel 77.76 Mhz input clock. The
SONET/SDH frame alignment can also be supplied via the frame pulse input. If
the frame alignment is not known, the interface will frame to the incoming frame
itself. The interface is also able to byte align the incoming data . The byte
alignment uses the SONET/SDH framing bits to find the correct bit boundary for
the byte alignment.
11.1.1 Clock Recovery Unit
The clock recovery unit recovers the clock from the incoming bit serial data
stream. The clock recovery unit is fully compliant with SONET/SDH jitter
tolerance requirements. The clock recovery unit utilizes a low frequency
reference clock to train and monitor its clock recovery PLL. Under loss of signal
conditions, the clock recovery unit will continue to output a line rate clock that is
locked to this reference for keep alive purposes. The clock recovery unit utilizes a
77.76 MHz reference clock. The clock recovery unit provides status bits that
indicates whether it is locked to data or the reference and also supports
diagnostic loopback and a loss of signal input that squelches normal input data.
Initially, the PLL locks to the reference clock, REFCLK+/-. When the frequency of
the recovered clock is within 488 ppm of the reference clock, the PLL attempts to
lock to the data. Once in data lock, the PLL reverts to the reference clock if no
data transitions occur in 80 bit periods or if the recovered clock drifts beyond 488
ppm of the reference clock.
When the transmit clock is derived from the recovered clock (loop timing), the
accuracy of the transmit clock is directly related to the REFCLK+/- reference
accuracy under loss of signal conditions. In applications that are required to meet
the Bellcore GR-253-CORE SONET Network Element free-run accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com