Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 23 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 23 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 19Page - PMC-Sierra, Inc PM7341 Datasheet HTML 20Page - PMC-Sierra, Inc PM7341 Datasheet HTML 21Page - PMC-Sierra, Inc PM7341 Datasheet HTML 22Page - PMC-Sierra, Inc PM7341 Datasheet HTML 23Page - PMC-Sierra, Inc PM7341 Datasheet HTML 24Page - PMC-Sierra, Inc PM7341 Datasheet HTML 25Page - PMC-Sierra, Inc PM7341 Datasheet HTML 26Page - PMC-Sierra, Inc PM7341 Datasheet HTML 27Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
2
FEATURES
The PM7341 S/UNI-IMA-84 is a monolithic integrated circuit that implements the
ATM Forum Inverse Multiplexing for ATM (IMA 1.1) protocol with backward
compatibility to IMA 1.0 and the Transmission Convergence (TC) layer function.
The S/UNI-IMA-84 has two line side interface modes that determine the total
number of physical links supported: the Scalable Bandwidth Interconnect (SBI)
bus interface mode and the Clock and Data interface mode.
In SBI mode, the S/UNI-IMA-84 supports up to 84 T1, 63 E1 or 3 DS3 (TC only)
physical links where each link is dynamically configurable to support either IMA
1.1, backward compatible IMA 1.0, ATM over T1/E1 or up to three ATM over DS3
streams (using HEC delineation).
In Clock and Data mode, the S/UNI-IMA-84 supports 32 independent T1, E1 or
unchannelized physical links. Each link is dynamically configurable to support
either IMA 1.1, backward compatible IMA 1.0, or ATM HEC cell delineation. ATM
over fractional T1/E1 is also supported. Unchannelized links may be used to
support applications such as G.SHDSL.
Standards Supported
• ATM Forum Inverse Multiplexing for ATM Specification Version 1.1, March
1999
• ATM Forum Inverse Multiplexing for ATM Specification Version 1.0 – supports
the method of reporting Rx cell information as in Appendix C.8 of the ATM
Forum Inverse Multiplexing for ATM Specification Version 1.1 for symmetrical
configurations with M=128.
• I.432-1 B-ISDN user network interface – Physical Layer specification: General
characteristics
• I.432-3 B-ISDN user network interface – Physical Layer specification: 1544
kbps and 2048 kbps operation
• DS3 Physical Layer Interface Specification, af-phy-0054.000 January, 1996
• ATM on Fractional E1/T1, af-phy-0130.00 October, 1999.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com