Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 92Page - PMC-Sierra, Inc PM7341 Datasheet HTML 93Page - PMC-Sierra, Inc PM7341 Datasheet HTML 94Page - PMC-Sierra, Inc PM7341 Datasheet HTML 95Page - PMC-Sierra, Inc PM7341 Datasheet HTML 96Page - PMC-Sierra, Inc PM7341 Datasheet HTML 97Page - PMC-Sierra, Inc PM7341 Datasheet HTML 98Page - PMC-Sierra, Inc PM7341 Datasheet HTML 99Page - PMC-Sierra, Inc PM7341 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
98
Figure 20
- IMA Error/Maintenance State Diagram
IMA
Working State
Out of IMA
Frame (OIF)
Anomaly
State
LIF
Defect
Leaving IMA
Sync state
Entering IMA
Sync state
Persistence of non-IMA Sync
(γ+2) IMA frames
Persistence of IMA SYNC for at least 2 IMA frames
The IMA Working state enables the RDAT to write user cells to the DCB. If the
IFSM leaves the IMA Sync state, the IESM state machine will transition to the
OIF Anomaly state, and the OIF anomaly counter will be incremented.
In the OIF Anomaly state, incoming user cells are written as filler cells to the
DCB, and write pointers are incremented. If the IFSM does not return to the IMA
Sync state within gamma + 2 frames, the IESM state will transition to the LIF
Defect state. (Gamma is programmable, and is the same gamma used in the
IFSM). If the IMA Sync state is entered prior to gamma + 2 frames, the IESM
state will transition back to the IMA Working State. This is considered a “fast
recovery” from the OIF Anomaly.
In the LIF Defect state, incoming user cells are written as filler cells to the DCB,
and write pointers are incremented. The LIF-latched status bit will be set in the
link-context memory. The IESM state machine will transition to the IMA Working
state when IMA Sync has been detected for two consecutive IMA frames. If the
IMA Sync state is entered and then exited during LIF, then the OIF anomaly
counter will be incremented. When the IESM enters the working state, user cells
may be forwarded once again if an overrun (with respect to the configured depth
for the link) is not detected. The overrun detection provides the necessary
differential-delay checking required after a defect.
10.2.4.6.2
Loss of Cell Delineation Status (LCD)
LCD is detected by the TC layer and the information is passed to the RDAT.
When a link is in LCD, a LCD-latched status bit is set in link context memory,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com