Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 57Page - PMC-Sierra, Inc PM7341 Datasheet HTML 58Page - PMC-Sierra, Inc PM7341 Datasheet HTML 59Page - PMC-Sierra, Inc PM7341 Datasheet HTML 60Page - PMC-Sierra, Inc PM7341 Datasheet HTML 61Page - PMC-Sierra, Inc PM7341 Datasheet HTML 62Page - PMC-Sierra, Inc PM7341 Datasheet HTML 63Page - PMC-Sierra, Inc PM7341 Datasheet HTML 64Page - PMC-Sierra, Inc PM7341 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
63
Pin Name
Type
Pin
No.
Function
ADP
Tristate
Output
L1
The Add Bus Data Parity (ADP) signal carries the
even or odd parity for the add bus signals. The parity
calculation encompasses ADATA[7:0], APL and AV5
signals.
The selection of even or odd parity is made via
SBI_PAR_CTL bit of SBI Insert Control Register.
The S/UNI-IMA-84 drives ADP only at uniquely
assigned tributary columns within the SBI BUS
structure.
The ADP output signal is updated on the rising edge
of REFCLK.
APL
Tristate
Output
K3
The Active High Add Bus Payload (APL) is an
active high signal that indicates valid data within the
SBI BUS structure. This active high signal is
asserted during all octets making up a tributary. This
signal goes high during the V3 or H3 octet within a
tributary to accommodate negative timing
adjustments between the tributary rate and the fixed
SBI BUS structure. This signal goes low during the
octet after the V3 or H3 octet within a tributary to
accommodate positive timing adjustments between
the tributary rate and the fixed SBI BUS structure.
The S/UNI-IMA-84 drives the APL only at uniquely
assigned tributary columns within the SBI BUS
structure.
The APL output signal is updated on the rising edge
of REFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com