Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 32Page - PMC-Sierra, Inc PM7341 Datasheet HTML 33Page - PMC-Sierra, Inc PM7341 Datasheet HTML 34Page - PMC-Sierra, Inc PM7341 Datasheet HTML 35Page - PMC-Sierra, Inc PM7341 Datasheet HTML 36Page - PMC-Sierra, Inc PM7341 Datasheet HTML 37Page - PMC-Sierra, Inc PM7341 Datasheet HTML 38Page - PMC-Sierra, Inc PM7341 Datasheet HTML 39Page - PMC-Sierra, Inc PM7341 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
38
differential delay between the links within a group and applies the link and group
state machine logic to coordinate the activation and deactivation of groups and
links with the far end. As cells are received, they are stored in an external FIFO
structure; this structure is based upon the IMA frame boundaries and the IMA
frame sequence number. When links or groups are determined to be active by
the link and group state machines, the data is played out to the Any-
PHY/UTOPIA Interface at a constant rate to mimic the existence of a single
higher bandwidth physical link.
Once a group of links is established, links can be added or deleted from the
group. Under software control, the S/UNI-IMA-84 will perform all necessary steps
to add or delete links from previously established groups.
In order to aid diagnostics, a line side loopback and a UTOPIA side loopback are
provided. Also, an ICP cell trace feature is provided. When the ICP cell trace has
been enabled for a group, the S/UNI-IMA-84 will place those ICP cells where a
SCCI field change is detected into a buffer that is accessible to the
microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com