Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 51Page - PMC-Sierra, Inc PM7341 Datasheet HTML 52Page - PMC-Sierra, Inc PM7341 Datasheet HTML 53Page - PMC-Sierra, Inc PM7341 Datasheet HTML 54Page - PMC-Sierra, Inc PM7341 Datasheet HTML 55Page - PMC-Sierra, Inc PM7341 Datasheet HTML 56Page - PMC-Sierra, Inc PM7341 Datasheet HTML 57Page - PMC-Sierra, Inc PM7341 Datasheet HTML 58Page - PMC-Sierra, Inc PM7341 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
Pin Name
Type
Pin No.
Function
TSDATA[31]
TSDATA[30]
TSDATA[29]
TSDATA[28]
TSDATA[27]
TSDATA[26]
TSDATA[25]
TSDATA[24]
TSDATA[23]
TSDATA[22]
TSDATA[21]
TSDATA[20]
TSDATA[19]
TSDATA[18]
TSDATA[17]
TSDATA[16]
TSDATA[15]
TSDATA[14]
TSDATA[13]
TSDATA[12]
TSDATA[11]
TSDATA[10]
TSDATA[9]
TSDATA[8]
TSDATA[7]
TSDATA[6]
TSDATA[5]
TSDATA[4]
TSDATA[3]
TSDATA[2]
TSDATA[1]
TSDATA[0]
Output
C25
D24
C26
B26
A22
B21
D21
C21
C7
B5
A5C6
B4
D5
A4
C5
D3
D1
E2
E4
B1
C2
C1
D2
H4
H1
H3
J2
J1
K2
J3
K1
The Transmit Serial Data (TSDATA[31:0])
signals contain the transmit data for the 32
independently timed links. For channelized links,
TSDATA[n] contains the 24 (T1) or 31 (E1) time-
slots that comprise the channelized link.
TSCLK[n] must be gapped during the T1 framing
bit position or the E1 frame alignment signal
(time-slot 0). The S/UNI-IMA-84 uses the location
of the gap to determine the channel alignment on
TSDATA[n].
For unchannelized links, TSDATA[n] contains the
ATM cell data. For certain transmission formats,
TSDATA[n] may contain place holder bits or time-
slots. TSCLK[n] must be externally gapped
during the place holder positions in the
TSDATA[n] stream.
The TSDATA[31:0] output signals are updated on
the falling edge of the corresponding
TSCLK[31:0] clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com