Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 35Page - PMC-Sierra, Inc PM7341 Datasheet HTML 36Page - PMC-Sierra, Inc PM7341 Datasheet HTML 37Page - PMC-Sierra, Inc PM7341 Datasheet HTML 38Page - PMC-Sierra, Inc PM7341 Datasheet HTML 39Page - PMC-Sierra, Inc PM7341 Datasheet HTML 40Page - PMC-Sierra, Inc PM7341 Datasheet HTML 41Page - PMC-Sierra, Inc PM7341 Datasheet HTML 42Page - PMC-Sierra, Inc PM7341 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
41
9
PIN DESCRIPTION
9.1 Receive Slave ATM Interface (Any-PHY mode) (28 Signals)
Pin Name
Type
Pin
No.
Function
RCLK
Input
W24
The Receive Clock (RCLK) signal is used to
transfer data blocks from the S/UNI-IMA-84 across
the receive Any-PHY interface.
The RPA, RSOP, RSX, RDAT[15:0], and RPRTY
outputs are updated on the rising edge of RCLK.
The RENB, RADR[4:0], and RCSB inputs are
sampled on the rising edge of RCLK.
The RCLK input must cycle at a 52 MHz or lower
instantaneous rate.
RPA
Tristate
Output
AB24 The Receive Packet Available (RPA) is an active
high signal that indicates whether at least one cell is
queued for transfer.
The S/UNI-IMA-84 device drives the RPA with the
cell availability status two RCLK cycles after
RADR[4:0] matches the S/UNI IMA’s device
address. The RPA output is high-impedance at all
other times.
The RPA output is updated on the rising edge of
RCLK.
RENB
Input
AB26 The Receive Enable Bar (RENB) is an active low
signal used to initiate the transfer of cells from the
S/UNI-IMA-84 to an ATM layer component, such as
a traffic management device.
The RENB input is sampled on the rising edge of
RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com