Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 65 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 65 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 61Page - PMC-Sierra, Inc PM7341 Datasheet HTML 62Page - PMC-Sierra, Inc PM7341 Datasheet HTML 63Page - PMC-Sierra, Inc PM7341 Datasheet HTML 64Page - PMC-Sierra, Inc PM7341 Datasheet HTML 65Page - PMC-Sierra, Inc PM7341 Datasheet HTML 66Page - PMC-Sierra, Inc PM7341 Datasheet HTML 67Page - PMC-Sierra, Inc PM7341 Datasheet HTML 68Page - PMC-Sierra, Inc PM7341 Datasheet HTML 69Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
67
9.10 JTAG & Scan Interface (7 Signals)
Pin Name
Type
Pin
No.
Function
TCK
Input
A25
The Test Clock (TCK) signal provides timing for test
operations that are carried out using the IEEE
P1149.1 test access port.
TMS
Input
B24
The Test Mode Select (TMS) is an active high signal
that controls the test operations carried out using the
IEEE P1149.1 test access port.
The TMS signal has an integral pull-up resistor.
The TMS input is sampled on the rising edge of TCK.
TDI
Input
A24
The Test Data Input (TDI) signal carries test data
into the S/UNI-IMA-84 via the IEEE P1149.1 test
access port.
The TDI signal has an integral pull-up resistor.
The TDI input is sampled on the rising edge of TCK.
TDO
Tristate B23
The Test Data Output (TDO) signal carries test data
out of the S/UNI-IMA-84 via the IEEE P1149.1 test
access port. TDO is a tristate output that is inactive
except when the scanning of data is in progress.
The TDO output is updated/tristated on the falling
edge of TCK.
TRSTB
Input
C23
The Active low Test Reset (TRSTB) is an active low
signal that provides an asynchronous S/UNI-IMA-84
test access port reset via the IEEE P1149.1 test
access port. TRSTB is a Schmitt-triggered input with
an integral pull-up resistor.
Note that when not being used, TRSTB must be
connected to the RSTB input.
SCAN_MODE
B
Input
A10
The Active low Scan Mode (SCAN_MODEB) is an
active low signal that places the S/UNI-IMA-84 into a
manufacturing test mode. Must be tied high to
disable the scan logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com