Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 70 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 66Page - PMC-Sierra, Inc PM7341 Datasheet HTML 67Page - PMC-Sierra, Inc PM7341 Datasheet HTML 68Page - PMC-Sierra, Inc PM7341 Datasheet HTML 69Page - PMC-Sierra, Inc PM7341 Datasheet HTML 70Page - PMC-Sierra, Inc PM7341 Datasheet HTML 71Page - PMC-Sierra, Inc PM7341 Datasheet HTML 72Page - PMC-Sierra, Inc PM7341 Datasheet HTML 73Page - PMC-Sierra, Inc PM7341 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
72
10.1.1 Transmit Any-PHY/UTOPIA Slave (TXAPS)
In the transmit direction, each S/UNI-IMA-84 receives cells on the Any-
PHY/UTOPIA L2 compatible interface operating at clock rates up to 52 MHz and
supporting 16-bit and 8-bit wide cells. The S/UNI-IMA-84 operates as a bus
slave only.
Cell transfers are cell-based, that is, an entire cell is transferred from one PHY
device before another is selected. Polling occurs concurrently with cell transfers
to ensure maximum throughput. Data pausing is not supported in Any-PHY
mode. If the TENB is deasserted prior to a complete cell being transferred, the
cell transfer error interrupt will be triggered.
10.1.1.1
UTOPIA Level 2 Multi-Address Slave Mode
In the UTOPIA Level 2 Multi-address Slave mode, the transmit interface of the
S/UNI-IMA-84 appears as a 31 port multi-PHY. An 11-bit configuration register
TCAEN (only 4 bits are used in UL2 mode) controls the response to polling the
individual channels within this group of 31 ports. Setting high on TCAEN[0]
enables addresses 0 through 7, and TCAEN[3] enables addresses 24 through
30. This is typically used to allow more than one slave device to share the
Transmit Any-PHY/UTOPIA master bus.
For UTOPIA L2 Mode, only 31 ports are available, using 31 independent FIFOs.
UTOPIA L2 Mode limits the S/UNI-IMA-84 to 31 IMA groups or TC links. Only
TADR[4:0] are used for polling and selection. Each FIFO will only assert TCA
when polled if it is not in the process of transferring a cell and if there is room in
the FIFO for a complete cell. Unlike Any-PHY, in UTOPIA Mode the virtual PHY
port must first be selected prior to the start of the data transfer. This selection is
done using the same address lines that are used for polling in combination with
the TENB pin.
10.1.1.2
Any-PHY Slave Mode
In the Any-PHY slave mode, the transmit interface of the S/UNI-IMA-84 appears
as a multi-PHY device with 84 ports used for the data path where all ports are
identified in the in-band address. The configuration register TCAEN controls the
response to polling the individual channels within this group of 84 ports. Setting
high on TCAEN[0] enables addresses 0 through 7, and TCAEN[3] enables
addresses 24 through 31. This is typically used to allow more than one slave
device to share the Transmit Any-PHY/UTOPIA master bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com