Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 81Page - PMC-Sierra, Inc PM7341 Datasheet HTML 82Page - PMC-Sierra, Inc PM7341 Datasheet HTML 83Page - PMC-Sierra, Inc PM7341 Datasheet HTML 84Page - PMC-Sierra, Inc PM7341 Datasheet HTML 85Page - PMC-Sierra, Inc PM7341 Datasheet HTML 86Page - PMC-Sierra, Inc PM7341 Datasheet HTML 87Page - PMC-Sierra, Inc PM7341 Datasheet HTML 88Page - PMC-Sierra, Inc PM7341 Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
87
10.2.3.4
Timing Reference Link Maintenance
It is possible to have the timing reference link for an IMA group change from one
link to another while the IMA connection is in operation. If an IMA group is
operating in CTC mode, the reference link used for the scheduling is simply
switched. The next stuff cell insertion still occurs 2049 cells after the previous
stuff. If the IMA group is operating in ITC mode and the reference link is
switched, the first stuff insertion on the new TRL occurs at approximately the
same frame a stuff would have been inserted had it not become the TRL. At the
time of the TRL change, the existing accrued rate differential on the new TRL is
used to prorate the number of cells out of 2048 until the next TRL stuff. Although
the first stuff will occur at approximately the proper number of cells to maintain
the correct differential delay, the actual time of the stuff will be dependent on the
new TRL rate.
Similarly, the first stuff cell insertion on the previous TRL occurs in approximately
the same frame a stuff cell would have been inserted had it still been the TRL
although the actual frame for stuff insertion will also be dependent on the rate
difference with the new TRL. This minimizes any effects on the differential delay
for the group as well as reducing any FIFO level changes. All subsequent stuff
cell insertions on the TRL then happen after every 2048 cells and all subsequent
stuff cell insertions on the former TRL are dependent only on the link’s rate
difference from the new TRL.
10.2.4 Receive IMA Data Processor (RDAT)
The Receive IMA Data Processor (RDAT) performs the IMA data-flow functions in
the receive direction including the IMA Frame Synchronization Mechanism
(IFSM), storage of data for accommodating differential delay, defect detection,
and playout of data in a round robin fashion.
The number of links and the differential delay tolerance required determine the
SDRAM size used for the Delay Compensation Buffers (DCB). Two
configurations of SDRAM are supported: 16 Mbit (1 Mbit x 16) and 64 Mbit (4
Mbit x 16), both are available as single chip devices. Differential-delay tolerance
may be configured through registers on a per-group basis to any value up to the
maximum listed in Figure 10. Buffering is allocated on a per link basis. Each
link is allocated the same number of cell buffers. Either 256 or 1024 cell buffers
may be allocated per link. See Figure 10 for the required memory sizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com