Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 73Page - PMC-Sierra, Inc PM7341 Datasheet HTML 74Page - PMC-Sierra, Inc PM7341 Datasheet HTML 75Page - PMC-Sierra, Inc PM7341 Datasheet HTML 76Page - PMC-Sierra, Inc PM7341 Datasheet HTML 77Page - PMC-Sierra, Inc PM7341 Datasheet HTML 78Page - PMC-Sierra, Inc PM7341 Datasheet HTML 79Page - PMC-Sierra, Inc PM7341 Datasheet HTML 80Page - PMC-Sierra, Inc PM7341 Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
79
Byte 2
(Optional)
Optional Prepend[7:0]
Byte 3
H1
Byte 4
H2
Byte 5
H3
Byte 6
H4
Byte 7*
HEC
Byte 8
PAYLOAD1
•
••••
••••
Byte 55
PAYLOAD48
Note: Address prepend for Single Channel UL2 may be inserted in HEC/UDF field
instead of prior to the cell
For Any-PHY mode or single-PHY mode, the address prepend field encoding
indicates the virtual PHY ID. The virtual PHY ID contains 2 sections, the lower 7
bits indicates the virtual PHY ID with valid values for 0 to 83, while the upper bits
are user programmable and not used by the device but may be required in a
user’s system for unique device identification when multiple devices exist on a
bus.
For UTOPIA multi-PHY mode, the address prepend is not used.
10.1.3 Summary of Any-PHY/UTOPIA Modes
The following table summarizes the available modes of the Any-PHY/UTOPIA
Interfaces
Mode Dir &
Protocol
UL2 Single PHY
UL2 Multi-PHY
Any-PHY
TX Poll
Not supported
PHY Channels: 31
PHY Channels: 84
Channel Enable Register:
Channel Enable Register:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com