Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 48Page - PMC-Sierra, Inc PM7341 Datasheet HTML 49Page - PMC-Sierra, Inc PM7341 Datasheet HTML 50Page - PMC-Sierra, Inc PM7341 Datasheet HTML 51Page - PMC-Sierra, Inc PM7341 Datasheet HTML 52Page - PMC-Sierra, Inc PM7341 Datasheet HTML 53Page - PMC-Sierra, Inc PM7341 Datasheet HTML 54Page - PMC-Sierra, Inc PM7341 Datasheet HTML 55Page - PMC-Sierra, Inc PM7341 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
54
Pin Name
Type
Pin
No.
Function
CBA[11]
CBA[10]
CBA[9]
CBA[8]
CBA[7]
CBA[6]
CBA[5]
CBA[4]
CBA[3]
CBA[2]
CBA[1]
CBA[0]
Output AD10
AF11
AE12
AF12
AD11
AE13
AC12
AF13
AD12
AE14
AD13
AE15
The Cell Buffer SDRAM Address (CBA[11:0])
signals identify the row address (CBA[11:0]) and
column address (CBA[7:0]) for the locations
accessed.
The CBA[11:0] output is updated on the rising edge
of SYSCLK.
CBBS[1]
CBBS[0]
Output
AD14
AF15
The Cell Buffer SDRAM Bank Select (CBBS[1:0])
signals determine which bank of a dual/quad bank
Cell Buffer SDRAM chip is active. CBBS is
generated along with the row address when
CBRASB is asserted low.
The CBBS[1:0] outputs are updated on the rising
edge of SYSCLK.
CBDQM
Output
AE16
The Cell Buffer SDRAM Input/Output Data Mask
(CBDQM) signal is held high until the SDRAM
initialization is complete and then set low for normal
operation.
The CBDQM output is updated on the rising edge of
SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com