Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 43Page - PMC-Sierra, Inc PM7341 Datasheet HTML 44Page - PMC-Sierra, Inc PM7341 Datasheet HTML 45Page - PMC-Sierra, Inc PM7341 Datasheet HTML 46Page - PMC-Sierra, Inc PM7341 Datasheet HTML 47Page - PMC-Sierra, Inc PM7341 Datasheet HTML 48Page - PMC-Sierra, Inc PM7341 Datasheet HTML 49Page - PMC-Sierra, Inc PM7341 Datasheet HTML 50Page - PMC-Sierra, Inc PM7341 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
49
9.4 Transmit Slave Interface (UTOPIA L2 mode) (26 Signals)
Pin Name
Type
Pin
No.
Function
TCLK
Input
F25
The Transmit Clock (TCLK) signal is used to
transfer cells across the ANY-PHY interface to the
internal downstream cell buffers.
The TCA output is updated on the rising edge of
TCLK.
The TENB, TSOC, TDAT[15:0], TPRTY, TADR[4:0]
inputs are sampled on the rising edge of TCLK.
The TCLK input must cycle at a 52 MHz or lower
instantaneous rate.
TCA
Tristate
Output
N26
The Transmit Cell Available (TCA) is an active high
signal that indicates the availability of space in the
selected logical channel FIFO when polled using the
TADR[4:0] signals.
The S/UNI-IMA-84 drives TCA with the cell space
availability status for the polled port on TCLK cycles
after a valid TADR[4:0} address is sampled.
The TCA output is high-impedance when not polled.
The TCA output is updated on the rising edge of
TCLK.
TENB
Input
P24
The Transmit enable bar (TENB) is an active low
signal that is used to indicate cell transfers to the
internal cell buffers.
The TENB input is sampled on the rising edge of
TCLK.
TADR[4]
TADR[3]
TADR[2]
TADR[1]
TADR[0]
Input
M23
K25
L24
K26
K23
The Transmit Address (TADR[4:0]) signals are
used to address logical channels for the purposes of
polling and device selection.
The TADR[4:0] input bus is sampled on the rising
edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com