Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 45Page - PMC-Sierra, Inc PM7341 Datasheet HTML 46Page - PMC-Sierra, Inc PM7341 Datasheet HTML 47Page - PMC-Sierra, Inc PM7341 Datasheet HTML 48Page - PMC-Sierra, Inc PM7341 Datasheet HTML 49Page - PMC-Sierra, Inc PM7341 Datasheet HTML 50Page - PMC-Sierra, Inc PM7341 Datasheet HTML 51Page - PMC-Sierra, Inc PM7341 Datasheet HTML 52Page - PMC-Sierra, Inc PM7341 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
51
9.5 Microprocessor Interface (31 Signals)
Pin Name
Type
Pin
No.
Function
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
I/O
B19
D19
A19
C19
B18
A18
B17
C18
A17
D17
B16
A16
B15
A15
C16
B14
The Micro Data (D[15:0]) signals provide a data bus
to allow the S/UNI-IMA-84 device to interface to an
external microprocessor. Both read and write
transactions are supported. The microprocessor
interface is used to configure and monitor the S/UNI-
IMA-84 device.
A[10]
A[9]
A[8]
A[7]
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
Input
D15
A14
C15
B13
A13
C14
B12
C13
A12
B11
The Micro Address (A[10:1]) signals provide an
address bus to allow the S/UNI-IMA-84 device to
interface to an external microprocessor.
The A[10:1] indicate a word address. The S/UNI-
IMA-84 microprocessor interface is not byte
addressable.
The A[10:1] input signals are sampled while the ALE
is asserted high.
ALE
Input
C12
The Address Latch Enable (ALE) is an active high
signal that latches the A[10:1] signals during the
address phase of a bus transaction. When ALE is set
high, the address latches are transparent. When ALE
is set low, the address latches hold the address
provided on A[10:1].
The ALE input has an internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com