Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 12Page - PMC-Sierra, Inc PM7341 Datasheet HTML 13Page - PMC-Sierra, Inc PM7341 Datasheet HTML 14Page - PMC-Sierra, Inc PM7341 Datasheet HTML 15Page - PMC-Sierra, Inc PM7341 Datasheet HTML 16Page - PMC-Sierra, Inc PM7341 Datasheet HTML 17Page - PMC-Sierra, Inc PM7341 Datasheet HTML 18Page - PMC-Sierra, Inc PM7341 Datasheet HTML 19Page - PMC-Sierra, Inc PM7341 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
xviii
REGISTER 0X048: SDRAM DIAG INDIRECT BURST RAM DATA MSB ....... 160
REGISTER 0X04A: SDRAM DIAG WRITE CMD 1 ........................................ 162
REGISTER 0X04C: SDRAM DIAG WRITE CMD 2 ........................................ 163
REGISTER 0X04E: SDRAM DIAG READ CMD 1 .......................................... 164
REGISTER 0X050: SDRAM DIAG READ CMD 2 .......................................... 165
REGISTER 0X060: TTTC INDIRECT LINK CONTROL REGISTER............... 166
REGISTER 0X062: TTTC INDIRECT LINK CONFIGURATION REGISTER .. 168
REGISTER 0X070: RTTC INDIRECT LINK CONTROL REGISTER .............. 169
REGISTER 0X072: RTTC INDIRECT LINK CONFIGURATION REGISTER .. 171
REGISTER 0X074: RTTC INDIRECT LINK INTERRUPT AND STATUS
REGISTER 173
REGISTER 0X076: RTTC INDIRECT LINK HCS ERROR COUNT REGISTER
175
REGISTER 0X078: LCD COUNT THRESHOLD ............................................ 176
REGISTER 0X080: SBI BUS CONFIGURATION REGISTER
(SBI_BUS_CFG_REG)................................................................................... 177
REGISTER 0X084-0X08E: SBI EXTRACT ALARM INTERRUPT REGISTER 179
REGISTER 0X090-0X09A: SBI EXTRACT ALARM STATUS REGISTER...... 180
REGISTER 0X0A0: SBI EXTRACT CONTROL REGISTER........................... 181
REGISTER 0X0A2: SBI EXTRACT FIFO UNDERRUN INTERRUPT REGISTER
183
REGISTER 0X0A4: SBI EXTRACT FIFO OVERRUN INTERRUPT REGISTER
184
REGISTER 0X0A6: SBI EXTRACT TRIBUTARY CONTROL RAM INDIRECT
ACCESS ADDRESS REGISTER.................................................................... 185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com