Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 15Page - PMC-Sierra, Inc PM7341 Datasheet HTML 16Page - PMC-Sierra, Inc PM7341 Datasheet HTML 17Page - PMC-Sierra, Inc PM7341 Datasheet HTML 18Page - PMC-Sierra, Inc PM7341 Datasheet HTML 19Page - PMC-Sierra, Inc PM7341 Datasheet HTML 20Page - PMC-Sierra, Inc PM7341 Datasheet HTML 21Page - PMC-Sierra, Inc PM7341 Datasheet HTML 22Page - PMC-Sierra, Inc PM7341 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
xxi
REGISTER 0X232: ICP CELL FORWARDING CONTROL REGISTER ......... 278
REGISTER 0X240- 0X2BE:RIPP COMMAND DATA REGISTER ARRAY...... 279
REGISTER 0X2C0- 0X2FE: FORWARDING ICP CELL BUFFER.................. 289
REGISTER 0X300: RDAT INDIRECT MEMORY COMMAND ........................ 292
REGISTER 0X302: RDAT INDIRECT MEMORY ADDRESS .......................... 294
REGISTER 0X304: RDAT INDIRECT MEMORY DATA LSB .......................... 295
REGISTER 0X306: RDAT INDIRECT MEMORY DATA MSB ......................... 296
REGISTER 0X308: RDAT CONFIGURATION ................................................ 316
REGISTER 0X30A: RECEIVE ATM CONGESTION INTERRUPT LSB.......... 318
REGISTER 0X30C: RECEIVE ATM CONGESTION INTERRUPT MSB......... 319
REGISTER 0X30E: RECEIVE TC LINK FIFO OVERRUN INTERRUPT
REGISTER 320
REGISTER 0X310: RDAT MASTER INTERRUPT REGISTER ...................... 321
REGISTER 0X312: RECEIVE ATM CONGESTION INTERRUPT ENABLE LSB
322
REGISTER 0X314: RECEIVE ATM CONGESTION INTERRUPT ENABLE MSB
323
REGISTER 0X316: RDAT MASTER INTERRUPT ENABLE .......................... 324
REGISTER 0X320: TIMA INDIRECT MEMORY COMMAND ......................... 325
REGISTER 0X322: TIMA INDIRECT MEMORY ADDRESS ........................... 327
REGISTER 0X324: TIMA INDIRECT MEMORY DATA LSB............................ 328
REGISTER 0X326: TIMA INDIRECT MEMORY DATA MSB........................... 329
REGISTER 0X328-0X332 TRANSMIT LINK FIFO OVERRUN INTERRUPT
REGISTER 339



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com