Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 41Page - PMC-Sierra, Inc PM7341 Datasheet HTML 42Page - PMC-Sierra, Inc PM7341 Datasheet HTML 43Page - PMC-Sierra, Inc PM7341 Datasheet HTML 44Page - PMC-Sierra, Inc PM7341 Datasheet HTML 45Page - PMC-Sierra, Inc PM7341 Datasheet HTML 46Page - PMC-Sierra, Inc PM7341 Datasheet HTML 47Page - PMC-Sierra, Inc PM7341 Datasheet HTML 48Page - PMC-Sierra, Inc PM7341 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
47
Pin Name
Type
Pin
No.
Function
TADR[10]
TADR[9]
TADR[8]
TADR[7]
TADR[6]
TADR[5]
TADR[4]
TADR[3]
TADR[2]
TADR[1]
TADR[0]
Input
M25
N24
M26
L25
M24
L26
M23
K25
L24
K26
K23
The Transmit Address (TADR[10:0]) signals are
used to address logical channels for the purpose of
polling and device selection. The TADR[10:0]
signals are valid only when the TCSB signal is
sampled active in the following TCLK cycle.
The TADR[10:0] input bus is sampled on the rising
edge of TCLK.
TCSB
Input
J25
The Transmit Chip Select (TCSB) is an active low
signal that is used to select the S/UNI-IMA-84
transmit interface. When the TCSB is sampled low, it
indicates that the TADR[10:0] sampled at the
previous clock is a valid address. If the TCSB is
sampled high, the device is not selected and the
TADR[10:0] sampled on the previous cycle is not a
valid address and is ignored. When sufficient
address space is provided by TADR[10:0] for all
devices on the bus, this signal may be tied low.
The TCSB is asserted low one cycle after a valid
address is present on the TADR[10:0] signals.
The TCSB input is sampled on the rising edge of
TCLK.
TSOP
Input
K24 The Transmit Start of Packet (TSOP) is an active
high signal that marks the start of the cell on the
TDAT[15:0] bus. When TSOP is active, the first word
of the cell is present on the TDAT[15:0] bus.
The TSOP output is sampled on the rising edge of
TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com