Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 82Page - PMC-Sierra, Inc PM7341 Datasheet HTML 83Page - PMC-Sierra, Inc PM7341 Datasheet HTML 84Page - PMC-Sierra, Inc PM7341 Datasheet HTML 85Page - PMC-Sierra, Inc PM7341 Datasheet HTML 86Page - PMC-Sierra, Inc PM7341 Datasheet HTML 87Page - PMC-Sierra, Inc PM7341 Datasheet HTML 88Page - PMC-Sierra, Inc PM7341 Datasheet HTML 89Page - PMC-Sierra, Inc PM7341 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
88
Figure 10
- Max Differential Delay Tolerance vs. SDRAM Size
# of T1/E1
Links
Cells of
Buffering
Delay (T1)
in ms
Delay (E1) in
ms
SDRAM
size
32 T1/ 32 E1
1024
279 ms
226 ms 1Mbit x16
84 T1/ 63 E1
256
69 ms
56 ms 1Mbit x16
84 T1 / 63 E
1024
279 ms
226 ms 4Mbit x16
10.2.4.1
Writing data to the Delay Compensation Buffers (DCB)
When there is a full cell of data in the RX Link FIFOs, the link requests service. In
order to support DS3 rates, the Synchronous Payload Envelope (SPE) concept is
carried over from the SBI Interface. The link FIFOs are divided into 3 groups
where each group is given 1/3 of the bandwidth. The RDAT arbitrates between
links requiring service within each group. If a group does not use its priority
bandwidth, it is made available to the next group. This arbitration also works with
the Clock/Data interface since all links should be close in rate.
When a link is chosen for service, if it is not an IMA link, the cells are stored in
external memory in a per link FIFO.
For IMA links, the IFSM is performed to locate the IMA Frame. Once the IMA
frame is located, the RDAT calculates the location to store the cells. The cells are
stored in a time-based FIFO structure. The buffer address for a cell is created
from the cell number in the IMA frame concatenated with the lower x (depends
upon M) bits of the IMA frame sequence number. Each link has its own reserved
FIFO. The cells are stored in this manner such that they are aligned in time in the
external memory and the differential-delay removal is simplified.
During periods in which the link is in a defect state, incoming cells will be
replaced with filler cells prior to being written to the DCB.
10.2.4.2
IMA Frame Synchronization Mechanism (IFSM)
For IMA links, the RDAT performs the IFSM. The IFSM is based upon the cell
delineation mechanism in I.432. The details of the IFSM can be found in AF-PHY-
0086.001 “Inverse Multiplexing for ATM (IMA) Specification Version 1.1”, March
1999. The state Machine is shown in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com