Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 81 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 81 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 77Page - PMC-Sierra, Inc PM7341 Datasheet HTML 78Page - PMC-Sierra, Inc PM7341 Datasheet HTML 79Page - PMC-Sierra, Inc PM7341 Datasheet HTML 80Page - PMC-Sierra, Inc PM7341 Datasheet HTML 81Page - PMC-Sierra, Inc PM7341 Datasheet HTML 82Page - PMC-Sierra, Inc PM7341 Datasheet HTML 83Page - PMC-Sierra, Inc PM7341 Datasheet HTML 84Page - PMC-Sierra, Inc PM7341 Datasheet HTML 85Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
83
There are a total of 5 rate-based FIFOs. When a service request is accepted by
the Transmit IMA processor (TIMA) or the Receive IMA Data Processor (RDAT),
the next request to be presented is taken from the highest priority FIFO that has
an entry. In this manner, the higher rate requests get higher priority than the
lower rate requests. Since the S/UNI-IMA-84 can always service all of the
requests, this algorithm limits the CDV experienced by any service request to
approximately one inter-arrival time of the service request for each group.
Rate changes are restricted to IMA frame boundaries. An IMA frame boundary
occurs once every (M-1)*N service requests. When a request is received to
change the rate(Non), the request is saved until the next IMA frame boundary, at
which point it takes effect. By restricting rate changes to frame boundaries, the
rate accuracy is preserved preventing FIFO underflows/overflows. Since rate
changes are not instantaneous, a vector that represents the active Link IDs
(LIDs) in the group is passed with the service request. In this manner, the entity
receiving the service requests is informed of the change in rate and of which links
should currently be in the round robin for servicing.
All IMA-based rate changes are internally managed by the S/UNI-IMA-84; no
user interaction is necessary for correct scheduling.
The IDCC is also used for scheduling the TC data flow. In this case, the rate
generated is simply the cell rate of the TC link and is not modified for IMA ICP
cells or stuff cells according to the following equation:
IDCR = TRLCR
For all TC connections, the IDCC must be configured in TC mode for the physical
link.
10.2.3 Transmit IMA Processor (TIMA)
The TIMA is responsible for the transmit IMA functions. This consists of
distributing the cells arriving from the ATM layer to links in a group and for
inserting ICP cells, filler cells, and stuff cells as required by the IMA protocol.
Additionally, the TIMA can support cell transmission on connections using only
the Transmission Convergence (TC) sublayer without the use of the IMA protocol
sublayer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com