Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 57 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 57 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 53Page - PMC-Sierra, Inc PM7341 Datasheet HTML 54Page - PMC-Sierra, Inc PM7341 Datasheet HTML 55Page - PMC-Sierra, Inc PM7341 Datasheet HTML 56Page - PMC-Sierra, Inc PM7341 Datasheet HTML 57Page - PMC-Sierra, Inc PM7341 Datasheet HTML 58Page - PMC-Sierra, Inc PM7341 Datasheet HTML 59Page - PMC-Sierra, Inc PM7341 Datasheet HTML 60Page - PMC-Sierra, Inc PM7341 Datasheet HTML 61Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
59
Pin Name
Type
Pin No.
Function
RSDATA[31]
RSDATA[30]
RSDATA[29]
RSDATA[28]
RSDATA[27]
RSDATA[26]
RSDATA[25]
RSDATA[24]
RSDATA[23]
RSDATA[22]
RSDATA[21]
RSDATA[20]
RSDATA[19]
RSDATA[18]
RSDATA[17]
RSDATA[16]
RSDATA[15]
RSDATA[14]
RSDATA[13]
RSDATA[12]
RSDATA[11]
RSDATA[10]
RSDATA[9]
RSDATA[8]
RSDATA[7]
RSDATA[6]
RSDATA[5]
RSDATA[4]
RSDATA[3]
RSDATA[2]
RSDATA[1]
RSDATA[0]
Input
AB23
AB25
AC26
AC24
AF25
AF24
AD23
AE24
AD20
AF21
AF9
AE9
AD7
AF7
AF3
AE3
AC8
AE8
AE6
AF5
AE5
AF4
AF2
AE1
AC1
AB4
AC2
AA3
AA4
AA2
Y1
W4
The Receive Serial Data (RSDATA[31:0]) signals
contain the recovered line data for the 32
independently timed links.
For channelized links, RSDATA[n] contains the
24 (T1) or 31 (E1) time-slots that comprise the
channelized link. RSCLK[n] must be gapped
during the T1 framing bit position or the E1 frame
alignment signal (time-slot 0). The S/UNI-IMA-84
uses the location of the gap to determine the
channel alignment on RSDATA[n].
For unchannelized links, RSDATA[n] contains the
ATM cell data. For certain transmission formats,
RSDATA[n] may contain place-holder bits or time-
slots. RSCLK[n] must be externally gapped
during the place-holder positions in the
RSDATA[n] stream.
The RSDATA[31:0] input signals are sampled on
the rising edge of the corresponding
RSCLK[31:0] clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com