Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 39Page - PMC-Sierra, Inc PM7341 Datasheet HTML 40Page - PMC-Sierra, Inc PM7341 Datasheet HTML 41Page - PMC-Sierra, Inc PM7341 Datasheet HTML 42Page - PMC-Sierra, Inc PM7341 Datasheet HTML 43Page - PMC-Sierra, Inc PM7341 Datasheet HTML 44Page - PMC-Sierra, Inc PM7341 Datasheet HTML 45Page - PMC-Sierra, Inc PM7341 Datasheet HTML 46Page - PMC-Sierra, Inc PM7341 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
Pin Name
Type
Pin
No.
Function
RSOC
Tristate
Output
W25
The Receive Start of Cell (RSOC) is an active high
signal that marks the first word of the cell on the
RDAT[15:0] bus.
The RSOC output is updated on the rising edge of
RCLK.
RDAT[15]
RDAT[14]
RDAT[13]
RDAT[12]
RDAT[11]
RDAT[10]
RDAT[9]
RDAT[8]
RDAT[7]
RDAT[6]
RDAT[5]
RDAT[4]
RDAT[3]
RDAT[2]
RDAT[1]
RDAT[0]
Tristate
Output
W26
V25
V26
U25
V24
U26
U23
T25
U24
T26
R25
R26
T24
P25
R23
P26
The Receive Cell Data (RDAT[15:0]) signals carry
the ATM cell words that have been read from the
S/UNI-IMA-84 internal cell buffers. When this
interface is operating in 8-bit mode, the data is
carried on RDAT[7:0].
The RDAT[15:0] output bus is updated on the rising
edge of RCLK.
RPRTY
Tristate
Output
N25
The Receive Parity (RPRTY) signal provides the
parity (programmable for odd or even parity) of the
RDAT[15:0] bus. When the interface is operating in
8-bit mode, the parity is calculated over RDAT[7:0]
The RPRTY output is updated on the rising edge of
RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com