Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 60Page - PMC-Sierra, Inc PM7341 Datasheet HTML 61Page - PMC-Sierra, Inc PM7341 Datasheet HTML 62Page - PMC-Sierra, Inc PM7341 Datasheet HTML 63Page - PMC-Sierra, Inc PM7341 Datasheet HTML 64Page - PMC-Sierra, Inc PM7341 Datasheet HTML 65Page - PMC-Sierra, Inc PM7341 Datasheet HTML 66Page - PMC-Sierra, Inc PM7341 Datasheet HTML 67Page - PMC-Sierra, Inc PM7341 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
66
Pin Name
Type Pin
No.
Function
OE
Input
AF22
The Output Enable (OE) is an active high signal
that allows all of the outputs of the device to operate
in their functional state. When this signal is low, all
outputs of the S/UNI-IMA-84 go to the high
impedance state, with the exception of TDO.
SYSCLK
Input
AE10
The System Clock (SYSCLK) signal is the master
clock for the S/UNI-IMA-84 device. The core S/UNI-
IMA-84 logic (including the SDRAM interface) is
timed to this signal.
External SDRAM devices share this clock and must
have clocks aligned within 0.2ns skew of the clock
seen by the S/UNI-IMA-84 device.
This clock must be stable prior to deasserting RSTB
0->1.
SYSCLK must cycle at a 50-55 MHz instantaneous
rate to support the maximum number of links (84 T1,
63 E1 or 3 DS3).
REFCLK
Input
R3
SBI_MODE:The Reference Clock (REFCLK) signal
is an externally generated 19.44MHz +/-50ppm
clock with a nominal 50% duty cycle. REFCLK is
common to both the add and drop sides of the SBI
BUS.
In CLK/Data mode, REFCLK is required and may be
operated at frequencies up to 52 MHz. In general,
for T1 and E1 links, 33 MHz is sufficient. See
12.3.2.3 for details on selecting the proper
frequency.
NC
AD22
No Connect. This signal ball is not connected to the
die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com