Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 69Page - PMC-Sierra, Inc PM7341 Datasheet HTML 70Page - PMC-Sierra, Inc PM7341 Datasheet HTML 71Page - PMC-Sierra, Inc PM7341 Datasheet HTML 72Page - PMC-Sierra, Inc PM7341 Datasheet HTML 73Page - PMC-Sierra, Inc PM7341 Datasheet HTML 74Page - PMC-Sierra, Inc PM7341 Datasheet HTML 75Page - PMC-Sierra, Inc PM7341 Datasheet HTML 76Page - PMC-Sierra, Inc PM7341 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
75
Byte 6
H4
Byte 7*
HEC
Byte 8
PAYLOAD1
•
••••
••••
Byte 55
PAYLOAD48
10.1.2 Receive Any-PHY/UTOPIA Slave (RXAPS)
In the receive direction, each S/UNI-IMA-84 transmits cells on an Any-
PHY/UTOPIA L2 compatible interface operating at clock rates up to 52 MHz and
supporting 16-bit and 8-bit wide cells. The S/UNI-IMA-84 operates as a bus
slave.
In all modes, an optional prepend is allowed on the bus. This prepend will
always be set to zero and has no significance to the S/UNI IMA-84 but is
provided for interoperability.
10.1.2.1
UTOPIA Level 2 Multi-Address Slave Mode
In UTOPIA Level 2 Multi-Address Slave mode, the S/UNI-IMA-84 operates as a
31 port multi-PHY with each virtual PHY stored in its own FIFO. UTOPIA L2
Mode limits the S/UNI-IMA-84 to 31 IMA groups or TC links. A 4-bit configuration
register, RCAEN, controls the response to polling the individual channels within
this group of 31 ports. Setting RCAEN[0] enables addresses 0 through 7, and
RCAEN[3] enables addresses 24 through 30. This is typically used to allow more
than one slave device to share the Receive UTOPIA master bus. When polled,
the Receive Packet Available (RPA) output indicates whether there is at least one
cell available for transfer from the polled link. Upon selection, the interface
handles data pausing anywhere in the middle of a cell transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com