Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 27 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 27 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 23Page - PMC-Sierra, Inc PM7341 Datasheet HTML 24Page - PMC-Sierra, Inc PM7341 Datasheet HTML 25Page - PMC-Sierra, Inc PM7341 Datasheet HTML 26Page - PMC-Sierra, Inc PM7341 Datasheet HTML 27Page - PMC-Sierra, Inc PM7341 Datasheet HTML 28Page - PMC-Sierra, Inc PM7341 Datasheet HTML 29Page - PMC-Sierra, Inc PM7341 Datasheet HTML 30Page - PMC-Sierra, Inc PM7341 Datasheet HTML 31Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
• Interfaces to a 1M x 16 ( for at least 69 msec of T1, 56 msec of E1 differential
delay tolerance)or 4M x 16 SDRAM ( for 279 msec of T1, 226 msec of E1
differential delay tolerance) through a 16-bit SDRAM interface.
• Provides a 16-bit microprocessor bus interface for configuration and Link and
Unit Management.
• ATM receive interface supports 8- and 16-bit UTOPIA L2 or Any-PHY cell
interfaces at clock rates up to 52 MHz.
• Any-PHY receive slave appears as single device. The PHY-ID of each cell
is identified in the in-band address.
• UTOPIA L2 receive slave appears as a 31 port multi-PHY.
• UTOPIA L2 receive slave can also appear as a single port with the logical
port provided as a prepend or in the HEC/UDF field.
• ATM transmit interface supports 8- and 16-bit UTOPIA L2 and Any-PHY cell
interfaces at clock rates up to 52 MHz.
• Each link configured for cell delineation or each IMA group appears as a
PHY port on the Any-PHY and UTOPIA L2 bus.
• Any-PHY transmit slave appears as an 84-port multi-PHY. The PHY-ID of
each cell is identified in the in-band address.
• UTOPIA L2 transmit slave appears as a 31-port multi-PHY.
• Seamlessly interconnects to PMC-Sierra’s PM7326 S/UNI-APEX ATM/Packet
Traffic Manager and Switch and PM7324 S/UNI-ATLAS ATM layer devices.
Loopback and Diagnostic Features
• Supports UTOPIA L2 / Any-PHY Loopback (global loopback– where all cells
received on the UTOPIA L2 / Any-PHY interface are looped back out)
• Supports Line Side Loopback (global loopback– where all data received on
the line side is looped back out)
• Supports the capability to trace ICP cells for any group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com