Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 36Page - PMC-Sierra, Inc PM7341 Datasheet HTML 37Page - PMC-Sierra, Inc PM7341 Datasheet HTML 38Page - PMC-Sierra, Inc PM7341 Datasheet HTML 39Page - PMC-Sierra, Inc PM7341 Datasheet HTML 40Page - PMC-Sierra, Inc PM7341 Datasheet HTML 41Page - PMC-Sierra, Inc PM7341 Datasheet HTML 42Page - PMC-Sierra, Inc PM7341 Datasheet HTML 43Page - PMC-Sierra, Inc PM7341 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
42
Pin Name
Type
Pin
No.
Function
RADR[4]
RADR[3]
RADR[2]
RADR[1]
RADR[0]
Input
AA25
AA23
AA24
AA26
Y25
The Receive Address (RADR[4:0]) signals are
used to address the S/UNI-IMA-84 device for the
purposes of polling and selection for cell transfer.
The RADR[4:0] signals are valid only when the
RCSB signal is sampled active in the following
RCLK cycle.
The RADR[4:0] input bus is sampled on the rising
edge of RCLK.
RCSB
Input
Y24
The Receive Chip Select (RCSB) is an active low
signal that is used to select the S/UNI-IMA-84
receive interface. When the RCSB is sampled low, it
indicates that the RADR[4:0] sampled at the
previous clock is a valid address. If the RCSB is
sampled high, the device is not selected and the
RADR[4:0] sampled on the previous cycle is not a
valid address and is ignored. When sufficient
address space is provided by RADR[4:0] for all
devices on the bus, this signal may be tied low.
The RCSB input is sampled on the rising edge of
RCLK.
RSOP
Tristate
Output
W25
The Receive Start of Packet (RSOP) is an active
high signal that marks the start of the cell on the
RDAT[15:0] bus. When RSOP is active, the first
word of the cell is present on the RDAT[15:0] bus.
The RSOP output is updated on the rising edge of
RCLK.
RSX
Tristate
Output
W23
The Receive Start of Transfer (RSX) signal is an
active high signal that marks the first cycle of a data
block transfer on the RDAT[15:0] bus. When the
RSX signal is active, the coinciding data on the
RDAT[15:0] bus represents the in-band PHY
address.
The RSX output is updated on the rising edge of
RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com