Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 83Page - PMC-Sierra, Inc PM7341 Datasheet HTML 84Page - PMC-Sierra, Inc PM7341 Datasheet HTML 85Page - PMC-Sierra, Inc PM7341 Datasheet HTML 86Page - PMC-Sierra, Inc PM7341 Datasheet HTML 87Page - PMC-Sierra, Inc PM7341 Datasheet HTML 88Page - PMC-Sierra, Inc PM7341 Datasheet HTML 89Page - PMC-Sierra, Inc PM7341 Datasheet HTML 90Page - PMC-Sierra, Inc PM7341 Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
89
Figure 11
- IFSM State Machine
Missing ICP Cell
α
αα
α====consecutive
invalid ICP cells
ββββ====consecutive
errored ICP cells
IMA SYNC
(frame by frame)
γγγγ====consecutive
valid ICP cells
One valid
ICP cells
IMA HUNT
(cell by cell)
One invalid or
errored/missing
ICP cell
IMA PRESYNC
(frame by frame)
Starting
State
Valid ICP at unexpected position (with cell by cell hunting)
Valid ICP at unexpected position
(with cell by cell hunting)
During group start-up, the fields in the ICP cells are validated by the RX IMA
Protocol Processor (RIPP) block and the validated information is used to
determine whether the ICP cells are valid or not. Validation by the RIPP checks
the group fields of the ICP cell to ensure that they match the rest of the group
and checks the LID to ensure that it is unique in the group. An ICP cell is invalid
if either the IMA OAM Label, the LID, the IMA_ID, M, IFSN or the offset is not the
same as the validated values. If the ICP cell cannot be validated by the RIPP (i.e.
the IMA_ID is different from the rest of the group or the LID is a duplicate), the
IFSM will remain in the starting state.
Once the ICP cells are validated by the RIPP, the IFSM will enter the IMA Hunt
state. In this state, each cell will be examined to see if it is a valid ICP cell. When
a single valid ICP cell has been received, the IFSM will enter the IMA Presync
state.
While in the Presync state, at each expected ICP location (determined by the ICP
offset and the IMA Frame Length), the cell will be examined (frame by frame).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com