Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 68 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 68 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 64Page - PMC-Sierra, Inc PM7341 Datasheet HTML 65Page - PMC-Sierra, Inc PM7341 Datasheet HTML 66Page - PMC-Sierra, Inc PM7341 Datasheet HTML 67Page - PMC-Sierra, Inc PM7341 Datasheet HTML 68Page - PMC-Sierra, Inc PM7341 Datasheet HTML 69Page - PMC-Sierra, Inc PM7341 Datasheet HTML 70Page - PMC-Sierra, Inc PM7341 Datasheet HTML 71Page - PMC-Sierra, Inc PM7341 Datasheet HTML 72Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
70
VDD (3.3V)
Power
D7
D11
D16
D20
G4
G23
L4
L23
T4
T23
Y4
Y23
AC7
AC11
AC16
AC20
VDD (3.3V) The I/O power pins (VDD) should
be connected to a well-decoupled +3.3 V DC
supply. These pins include the VDDO pins for
the switching, as well as the VDDQ for the
quiet power pins.
Notes on Pin Description:
• All S/UNI-IMA-84 I/O present minimum capacitive loading and operate at TTL
logic levels and can tolerate 5.0V levels.
• Inputs RSTB, ALE, TCK, TMS, TDI and TRSTB, TSCLK, CTSCLK, RSCLK,
RSDATA, an OE have internal pull-up resistors.
• Power to the VDD (3.3V) pins should be applied before power to the VDDI
(1.8V) pins is applied. Similarly, power to the VDDI (1.8V) pins should be
removed before power to the VDD (3.3V) pins is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com