Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM73487 Datasheet HTML 1Page - PMC-Sierra, Inc PM73487 Datasheet HTML 2Page - PMC-Sierra, Inc PM73487 Datasheet HTML 3Page - PMC-Sierra, Inc PM73487 Datasheet HTML 4Page - PMC-Sierra, Inc PM73487 Datasheet HTML 5Page - PMC-Sierra, Inc PM73487 Datasheet HTML 6Page - PMC-Sierra, Inc PM73487 Datasheet HTML 7Page - PMC-Sierra, Inc PM73487 Datasheet HTML 8Page - PMC-Sierra, Inc PM73487 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 251 page
background image
© 1999
PMC-Sierra, Inc.
105-8555 Baxter Place
Burnaby BC Canada V5A 4V7
Phone: 604.415.6000 FAX: 604.415.6200
In any event, no part of this document may be reproduced in any form without the express written consent of PMC-Sierra, Inc.
PMC-Sierra, Inc.
PM73487 QRT
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
Public Revision History
Issue Number
Issue Date
Details of Change
Issue 1
March 1998
Creation of Document
Issue 2
October 1998
This data sheet includes: registers added in B
version of device:
RX_QUEUE_ENGINE_TEST - bits 26:16
TX_QUEUE_ENGINE_TEST - bits 22:15
QUEUE_ENGINE_CONDITION_PRES_BIT
S
QUEUE_ENGINE_CONDITION_LATCH_B
ITS
QUEUE_ENGINE_INT_MASK
RX_LOWER16_SCG_CONFIG
RX_LOWER16_SCG_STATE
RX_LOWER32_SCG_CONFIG
RX_LOWER32_SCG_STATE
RX_LOWER48_SCG_CONFIG
RX_LOWER48_SCG_STATE
TX_LOWER4_SCG_CONFIG
TX_LOWER4_SCG_STATE
TX_LOWER8_SCG_CONFIG
TX_LOWER8_SCG_STATE
TX_LOWER12_SCG_CONFIG
TX_LOWER12_SCG_STATE
Updated RX_SERVICE_TABLE
Issue 3
June 1999
Production Release Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com