Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 14 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 14 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 10Page - PMC-Sierra, Inc PM73487 Datasheet HTML 11Page - PMC-Sierra, Inc PM73487 Datasheet HTML 12Page - PMC-Sierra, Inc PM73487 Datasheet HTML 13Page - PMC-Sierra, Inc PM73487 Datasheet HTML 14Page - PMC-Sierra, Inc PM73487 Datasheet HTML 15Page - PMC-Sierra, Inc PM73487 Datasheet HTML 16Page - PMC-Sierra, Inc PM73487 Datasheet HTML 17Page - PMC-Sierra, Inc PM73487 Datasheet HTML 18Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
2
•
Provides per-channel (VP or VC), per-SC Queue (SCQ), per-SC, per-VO, and per-
direction congested and maximum queue depth limits.
•
Provides up to 64K cell buffers.
CONGESTION MANAGEMENT ALGORITHMS
•
Supports EPD and Partial Packet Discard (PPD) for UBR traffic, and as a backup for ABR
traffic.
•
Supports CLP-based cell discard and Explicit Forward Congestion Indicator (EFCI) cell
marking.
•
Supports three congestion limits (as well as EPD, CLP, and EFCI, and/or backpressure)
for logical multicast on the transmit side.
SWITCHING
•
Supports VC and VP switching.
•
Supports up to 16K VCs.
ADDRESS MAPPING
•
Supports all 12 VP and 16 VC bits through use of a double, indirect lookup table.
•
Performs header translation at both the input (receive) and output (transmit) directions.
Input header translation is used to pass the output queue channel number through the
switch.
MULTICAST
•
Supports logical multicast with a superior queue-clearing algorithm.
DIAGNOSTIC/ROBUSTNESS FEATURES
•
Checks the header parity.
•
Counts tagged cells.
•
Runs error checks continually on all fabric lines.
•
Checks liveness of control signal lines at both switch fabric and UTOPIA interfaces,
working around partial fabric failures.
•
Checks Static Random Access Memory (SRAM) and Dynamic Random Access Memory
(DRAM) parity.
STATISTICS FEATURES
•
In the receive direction, counts cells transmitted and dropped.
•
In the transmit direction, counts cells transmitted and dropped on a per-VC basis.
I/O FEATURES
•
Provides four switch element interfaces with phase aligners. The phase aligners allow for
external serialization of the data stream enabling systems to be built that support device
separation of up to 10 meters.
•
Provides a UTOPIA Level 2 Multi-PHY (MPHY) 16-bit, 50 MHz interface.
•
Provides a 2-level priority servicing algorithm for high and low bandwidth UTOPIA PHY
layer devices.
•
Provides a multiplexed address/data CPU interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com