Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 85Page - PMC-Sierra, Inc PM73487 Datasheet HTML 86Page - PMC-Sierra, Inc PM73487 Datasheet HTML 87Page - PMC-Sierra, Inc PM73487 Datasheet HTML 88Page - PMC-Sierra, Inc PM73487 Datasheet HTML 89Page - PMC-Sierra, Inc PM73487 Datasheet HTML 90Page - PMC-Sierra, Inc PM73487 Datasheet HTML 91Page - PMC-Sierra, Inc PM73487 Datasheet HTML 92Page - PMC-Sierra, Inc PM73487 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
77
6
TIMING DIAGRAMS
All pin names are described in section 4 “Pin Descriptions” starting on page 55. Unless otherwise
indicated, all output timing delays assume a capacitive loading of 30 pF
6.1
UTOPIA Timing
Figure 50 shows the receive UTOPIA 50 MHz timing (the RATM_ADD and RATM_CLAV val-
ues are shown in hexadecimal).
Figure 50. Receive UTOPIA 50 MHz Timing
Symbol
Parameter
Signals
Min
Max
Unit
ATM_CLK frequency
ATM_CLK
55
MHz
ATM_CLK duty cycle
ATM_CLK
40
60
%
TraddQ
Clock-to-output valid time
RATM_ADD(4:0)
3.4
10.5
ns
Trclavsu
Input setup time
RATM_CLAV(3:0)
4
ns
Trclavh
Input hold time
RATM_CLAV(3:0)
1
ns
TrenQ
Clock-to-output valid time
/RATM_READ_EN
3.5
9.5
ns
Trsocsu
Input setup time
RATM_SOC
4
ns
Trdatasu
Input setup time
RATM_DATA(15:0)
4
ns
Trdath
Input hold time
RATM_DATA(15:0)
1
ns
1
2
3
4
5
6
7
8
9
10
11
12
Trdatasu
Trdath
TraddQ
TrenQ
Trclavsu
Trclavh
Trsocsu
hh
p
hp
p
p
p
01
1F
1F
1F
00
01
10
1
0
1
0
p
ATM_CLK
RATM_DATA(15:0)
RATM_ADD(4:0)
/RATM_READ_EN
RATM_CLAV(3:0)
RATM_SOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com