Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 79Page - PMC-Sierra, Inc PM73487 Datasheet HTML 80Page - PMC-Sierra, Inc PM73487 Datasheet HTML 81Page - PMC-Sierra, Inc PM73487 Datasheet HTML 82Page - PMC-Sierra, Inc PM73487 Datasheet HTML 83Page - PMC-Sierra, Inc PM73487 Datasheet HTML 84Page - PMC-Sierra, Inc PM73487 Datasheet HTML 85Page - PMC-Sierra, Inc PM73487 Datasheet HTML 86Page - PMC-Sierra, Inc PM73487 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
71
NOTE: DQM (I/O mask enables) pins to the SGRAM or SDRAM need to be tied to logic 0.
/TX_DRAM_WE
AE19
Out
5 ma
Mod
Transmit DRAM Write Enable
is an active low signal that
enables a write into the syn-
chronous DRAM.
Table 15. Transmit Cell Buffers RAM Interface Signals (48 Pins) (Continued)
Signal Name
Ball
Type
Drive/
Input Level
Slew
Rate
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com