Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 41Page - PMC-Sierra, Inc PM73487 Datasheet HTML 42Page - PMC-Sierra, Inc PM73487 Datasheet HTML 43Page - PMC-Sierra, Inc PM73487 Datasheet HTML 44Page - PMC-Sierra, Inc PM73487 Datasheet HTML 45Page - PMC-Sierra, Inc PM73487 Datasheet HTML 46Page - PMC-Sierra, Inc PM73487 Datasheet HTML 47Page - PMC-Sierra, Inc PM73487 Datasheet HTML 48Page - PMC-Sierra, Inc PM73487 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
33
used by the controller to decide which SC to service. Following this decision, the selected SC’s
VCs are serviced in a round-robin manner. The selected VC then transmits the first cell in its
queue.
The general algorithm for deciding which SC to service is as follows (certain multicast SCs may
be ineligible for selection in particular modes or operating conditions; these will be described
after the numbered list that follows):
1.
Strict priority SC1 has primary service priority. If there is an SC1 with a cell, it will be selected. The
SC1 service classes are serviced in a weighted round-robin manner, alternating between unicast and
multicast classes (Q0, Q32, Q1, Q33, Q2, Q34, Q3, Q35, Q0, ...). The SC1 round-robin pointer will remain
pointed at an SC for up to w cell selections, where w is the SC’s weight. If no cells are available in an
SC, the round-robin pointer is advanced. Thus, the most time-critical VCs should be placed in an SC1
service class. The pointer for the SC1 service classes is separate from the pointer to the SC2 and GP ser-
vice classes.
2.
Strict priority SC2 has secondary service priority. It is treated in the same fashion as SC1, except it has
its own independent round-robin pointer and the weighted round-robin order is: Q4, Q36, Q5, Q37, Q6,
Q38, Q7, Q39, Q4, ....
3.
If no cell exists in the strict priority classes, then the controller accesses the timeslot-based priority table
in a round-robin manner. Each entry of this table contains a GP SC number. If the SC pointed to by the
active entry has cells, that SC is selected. The active entry is incremented to the next timeslot each time
the timeslot table is accessed. The table has 127 entries and wraps around. This servicing mechanism
provides the MCR guarantee on a per-SC basis. The number of times an SC is placed in the timeslot
table can be used to determine its MCR.
4.
If no cell exists in the strict priority classes, and no cell exists in the SC pointed to by the active entry of
the timeslot-based priority table, then the GP SCs are serviced in a weighted round-robin manner simi-
lar to the SC1 and SC2 classes (Q8, Q40, Q9, Q41, Q10, Q42, Q11, Q43, Q12, Q44, ..., Q31, Q63, Q8, ...).
Again this has a separate round-robin pointer than that kept for the SC1 and SC2 service classes.
Figure 39. Receive Service Class (SC) Map
Unicast Traffic
Multicast Traffic
Strict Priority SC1
Strict Priority SC2
Timeslot-Based Priority
General Purpose (GP)
Weighted Round-
Robin SCs
Q0
Q2
Q3
Q1
Q4
Q6
Q7
Q5
Q32
Q34 Q35
Q33
Q36
Q38 Q39
Q37
Q8
Q10 Q11
Q9
Q40
Q42 Q43
Q41
S0
••
S1
Q12
Q14 Q15
Q13
Q44
Q46 Q47
Q45
Q16
Q18 Q19
Q17
Q48
Q50 Q51
Q49
Q20
Q22 Q23
Q21
Q52
Q54 Q55
Q53
Q24
Q26 Q27
Q25
Q56
Q58 Q59
Q57
Q28
Q30 Q31
Q29
Q60
Q62 Q63
Q61
S125 S126
VC1
VC2
VC4
VC3
Round-Robin among VCs
within an SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com