Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 87Page - PMC-Sierra, Inc PM73487 Datasheet HTML 88Page - PMC-Sierra, Inc PM73487 Datasheet HTML 89Page - PMC-Sierra, Inc PM73487 Datasheet HTML 90Page - PMC-Sierra, Inc PM73487 Datasheet HTML 91Page - PMC-Sierra, Inc PM73487 Datasheet HTML 92Page - PMC-Sierra, Inc PM73487 Datasheet HTML 93Page - PMC-Sierra, Inc PM73487 Datasheet HTML 94Page - PMC-Sierra, Inc PM73487 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
79
6.2
DRAM External Memory Timing
NOTE: All inputs are the minimum required. All outputs are the minimum expected. All inputs and outputs
are assume to have a 30 pf capacitive loading. The RX_DRAM_CLK and TX_DRAM_CLK are
assume to have a 22 ohm series terminated resister connected to a combined capacitive load of 36
pf.
Figure 52 shows the receive DRAM external memory 100 MHz read timing.
Figure 52. Receive DRAM External Memory 100 MHz Read Timing
Symbol
Parameter
Signals
Min
Max
Unit
Tcyc
Clock period
RX_DRAM_CLK
10
ns
Tch
Clock high period
RX_DRAM_CLK
3
ns
Tcl
Clock low period
RX_DRAM_CLK
3
ns
Taddrsu
Address setup time
RX_DRAM_ADD(8:0)
2.7
ns
Tbasu
Bank address setup time
RX_DRAM_BA
2.9
ns
Taddrh
Address hold time
RX_DRAM_ADD(8:0)
1.3
ns
Tbah
Bank address hold time
RX_DRAM_BA
1.5
ns
Tckh
Enable hold time *
DRAM_CKE
ns
Tcksu
Enable setup time *
DRAM_CKE
ns
Trassu
RAS setup time
/RX_DRAM_RAS
3.1
ns
Trash
RAS hold time
/RX_DRAM_RAS
1.5
ns
Tcassu
CAS setup time
/RX_DRAM_CAS
3.2
ns
Tcash
CAS hold time
/RX_DRAM_CAS
1.5
ns
Tcssu
Chip select setup time
/RX_DRAM_CS(1:0)
2.4
ns
Tcsh
Chip select hold time
/RX_DRAM_CS(1:0)
2.2
ns
Trdh
Required hold time required (read data)
RX_DRAM_DATA(31:0)
2.7
ns
Tcyc
Tcyc
Tch
Tcl
Tch
Tcl
Tcksu
Tckh
Tcssu
Tcsh
Trassu
Trash
Tcassu
Tcash
Taddrsu
Taddrh
Twesu
Tweh
Trds
Trdh
Tbasu
Tbah
ROW
COLUMN
VALID DATA
RX_DRAM_CLK
DRAM_CKE
/RX_DRAM_CS(1:0)
/RX_DRAM_RAS
/RX_DRAM_CAS
RX_DRAM_ADD(8:0)
/RX_DRAM_WE
RX_DRAM_DATA(31:0)
RX_DRAM_BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com