Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 59Page - PMC-Sierra, Inc PM73487 Datasheet HTML 60Page - PMC-Sierra, Inc PM73487 Datasheet HTML 61Page - PMC-Sierra, Inc PM73487 Datasheet HTML 62Page - PMC-Sierra, Inc PM73487 Datasheet HTML 63Page - PMC-Sierra, Inc PM73487 Datasheet HTML 64Page - PMC-Sierra, Inc PM73487 Datasheet HTML 65Page - PMC-Sierra, Inc PM73487 Datasheet HTML 66Page - PMC-Sierra, Inc PM73487 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
51
3.2.4.2
QSE Interface, Receive Data Direction
In Figure 48 on page 44, a QSE receive interface consists of c and d. In the figure, c refers to each
of the four SE_SOC_IN and SE_D_IN#(3:0) data ports, while d refers to the corresponding
BP_ACK_OUT signals in the QSE.
Table 3 summarizes the failure conditions detected by the ORT on c and the actions taken.
Table 3. Failure Conditions, QSE Receive Interface
Fault Detected On
c
Action Taken
Comment
Cannot lock to special coding and
guaranteed transitions on
SE_SOC_IN.
No backpressure sent out on d. All data dis-
carded. SE_INPUT_PORT_FAIL (refer to
“SE_INPUT_PORT_FAIL” on page 112)
signaled to the microprocessor.
Withholding backpressure on d signals to
the previous stage that the port should not
be used.
Invalid cell present coding on
SE_D_IN#(3:0).
No backpressure sent out on d. All data dis-
carded. SE_INPUT_PORT_FAIL signaled to
the microprocessor.
Probably due to unconnected input lines
that are pulled up or down.
Withholding backpressure on d signals to
the previous stage that the port should not
be used.
Bad idle cell coding on
SE_D_IN#(3:0).
No backpressure sent out on d. All data dis-
carded. SE_INPUT_PORT_FAIL signaled to
the microprocessor.
Withholding backpressure on d signals to
the previous stage that the port should not
be used.
Parity fail.
ONACK sent out on d for unicast data. Mul-
ticast data dropped. PARITY_ERROR (refer
to the QSE Long Form Data Sheet) signaled
to the microprocessor.
The QSE does not necessarily have time to
drop the cell by the time it has detected a
parity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com