Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 38Page - PMC-Sierra, Inc PM73487 Datasheet HTML 39Page - PMC-Sierra, Inc PM73487 Datasheet HTML 40Page - PMC-Sierra, Inc PM73487 Datasheet HTML 41Page - PMC-Sierra, Inc PM73487 Datasheet HTML 42Page - PMC-Sierra, Inc PM73487 Datasheet HTML 43Page - PMC-Sierra, Inc PM73487 Datasheet HTML 44Page - PMC-Sierra, Inc PM73487 Datasheet HTML 45Page - PMC-Sierra, Inc PM73487 Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
30
A congestion hysteresis bit is kept for each threshold. This bit is set whenever the queue depth
exceeds the congestion limit for that threshold. This bit remains asserted until the queue depth
falls below one-half of the congestion threshold.
Figure 35 illustrates the operation of EPD/PTD.
Figure 36 shows the operation of EPD in combination with CLP-based dropping.
Figure 35. EPD/PTD Operation
Figure 36. EPD/PTD with CLP Operation
Drop these frames
Always send the last cell of each
Tail drop this frame
Time
Maximum Threshold
Queue
Depth
Congested Threshold
Congested Queue Depth
÷ 2
Cells are arriving at a rate greater than the
rate at which they are being played out.
• = End-Of-Frame (EOF) cell
•
•
•
•
•
•
•
Drop these frames
Always send the last cell of each
Tail drop this frame
Time
Maximum Threshold
Queue
Depth
Congested Threshold
Congested Queue Depth
÷ 2
Cells are arriving at a rate greater than the
rate at which they are being played out.
• = End-Of-Frame (EOF) cell
•
•
•
•
•
•
•
= Cell Loss Priority (CLP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com