Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 88 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 88 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 84Page - PMC-Sierra, Inc PM73487 Datasheet HTML 85Page - PMC-Sierra, Inc PM73487 Datasheet HTML 86Page - PMC-Sierra, Inc PM73487 Datasheet HTML 87Page - PMC-Sierra, Inc PM73487 Datasheet HTML 88Page - PMC-Sierra, Inc PM73487 Datasheet HTML 89Page - PMC-Sierra, Inc PM73487 Datasheet HTML 90Page - PMC-Sierra, Inc PM73487 Datasheet HTML 91Page - PMC-Sierra, Inc PM73487 Datasheet HTML 92Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
76
NOTE:
•
The junction temperature must be kept below 125°C while the device is operating.
Symbol
Parameter
Conditions
Min
Max
Unit
C
IN
Input capacitance
6
pF
C
OUT
Output capacitance
6
pF
C
LOAD
Load capacitance
To meet timing on any signal.
30
pF
NOTES:
• Capacitance measured at 25°C.
• Sample tested only.
Table 20. Estimated Package Thermal Characteristics
Symbol
Parameter
Condition
Typical
Unit
θ
JC
Junction to Case thermal resistance
3.3
°C/Watt
θ
JA
Junction to Ambient thermal resistance
Still air
14.9
°C/Watt
θ
JA
Junction to Ambient thermal resistance
200 lfpm
12.6
°C/Watt
θ
JA
Junction to Ambient thermal resistance
400 lfpm
11.8
°C/Watt
θ
JA
Junction to Ambient thermal resistance
600 lfpm
11.2
°C/Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com