Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 15Page - PMC-Sierra, Inc PM73487 Datasheet HTML 16Page - PMC-Sierra, Inc PM73487 Datasheet HTML 17Page - PMC-Sierra, Inc PM73487 Datasheet HTML 18Page - PMC-Sierra, Inc PM73487 Datasheet HTML 19Page - PMC-Sierra, Inc PM73487 Datasheet HTML 20Page - PMC-Sierra, Inc PM73487 Datasheet HTML 21Page - PMC-Sierra, Inc PM73487 Datasheet HTML 22Page - PMC-Sierra, Inc PM73487 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
7
1.5
5 Gbps to 20 Gbps Application Example - Seamless Growth
This section illustrates the modularity of the QRT (PM73487) and QSE (PM73488) architecture.
A 5 Gbps system can immediately be created (as shown in Figure 6 on page 7), and then be
upgraded to 10 Gbps (as shown in Figure 7 on page 7), or 20 Gbps (as shown in Figure 8 on page
8). Since all these systems are based on a single-stage switch fabric, the per-port cost for each sys-
tem will remain the same.
Figure 6. 5 Gbps ATM Switch Using 16 Dual S/UNIs, 8 QRTs, and 1 QSE
Figure 7. 10 Gbps ATM Switch Using 32 Dual S/UNIs, 16 QRTs, and 2 QSEs
Switch Card
• One QSE (PM73488)
Eight
155 Mbps
Interfaces
Port Card
• Two QRTs (PM73487s)
Eight
155 Mbps
Interfaces
Eight
155 Mbps
Interfaces
Eight
155 Mbps
Interfaces
Port Card
• Two QRTs (PM73487s)
Port Card
• Two QRTs (PM73487s)
Port Card
• Two QRTs (PM73487s)
Switch Card
• One QSE (PM73488)
•
•
•
Eight
155 Mbps
Interfaces
Port Card 1
• Two QRTs (PM73487s)
Eight
155 Mbps
Interfaces
Port Card 8
• Two QRTs (PM73487s)
Switch Card
• One QSE (PM73488)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com