Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 60Page - PMC-Sierra, Inc PM73487 Datasheet HTML 61Page - PMC-Sierra, Inc PM73487 Datasheet HTML 62Page - PMC-Sierra, Inc PM73487 Datasheet HTML 63Page - PMC-Sierra, Inc PM73487 Datasheet HTML 64Page - PMC-Sierra, Inc PM73487 Datasheet HTML 65Page - PMC-Sierra, Inc PM73487 Datasheet HTML 66Page - PMC-Sierra, Inc PM73487 Datasheet HTML 67Page - PMC-Sierra, Inc PM73487 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
52
3.2.4.3
QSE Interface, Transmit Data Direction
In Figure 48 on page 44, a QSE transmit interface consists of e and f. In the figure, e refers to each
of the 32 SE_SOC_OUT and SE_D_OUT#(3:0) data ports, while f refers to the corresponding
BP_ACK_IN signals in the QSE. Table 4 summarizes the failure conditions detected by the QSE
on f and the actions taken.
3.2.4.4
Switch Fabric-to-ORT Interface
In Figure 48 on page 44, an ORT interface consists of g and h. In the figure, g refers to each of the
four SE_SOC_IN and SE_D_IN#(3:0) data ports, while h refers to the corresponding
BP_ACK_OUT signals in the QRT. Table 5 summarizes the failure conditions detected by the
ORT on g and the actions taken.
Table 4. Failure Conditions, QSE Transmit Interface
Fault Detected On
f
Action Taken
Comment
Cannot lock to special coding and
guaranteed transitions on
BP_ACK_IN.
Idle cells sent out on data interface e. If possible,
data routed around port. Multicast data is
dropped if all possible port choices are dead or
off. Unicast data is optionally dropped if all pos-
sible port choices are dead or off.
BP_ACK_FAIL (refer to “BP_ACK_FAIL” on
page 112) signaled to the microprocessor.
Port treated as dead. Problem is
probably with the BP_ACK_IN
line.
No backpressure received on
BP_ACK_IN.
Idle cells sent out on data interface e. If possible,
data routed around port. Multicast data is
dropped if all possible port choices are dead or
off. Unicast data is optionally dropped if all pos-
sible port choices are dead or off.
BP_REMOTE_FAIL (refer to
“BP_REMOTE_FAIL” on page 112) signaled to
the microprocessor.
Port treated as dead. Problem is
with the forward data flow.
No ACK, MNACK, or ONACK
received, although the cell sent out is
not currently monitored in the QSE.
No action taken.
Lack of ACK, MNACK, or
ONACK is not monitored by the
QSE.
Table 5. Failure Conditions, Switch Fabric-to-ORT Interface
Fault Detected On
g
Action Taken
Comment
Cannot lock to special coding and
guaranteed transitions on
SE_SOC_IN.
No backpressure sent out on h. All data dis-
carded. SE_INPUT_PORT_FAIL (refer to
“SE_INPUT_PORT_FAIL” on page 112)
signaled to the microprocessor.
Withholding backpressure on h signals to
the previous stage that the port should not
be used.
Invalid cell present coding on
SE_D_IN#(3:0).
No backpressure sent out on h. All data dis-
carded. SE_INPUT_PORT_FAIL signaled
to the microprocessor.
Probably due to unconnected input lines
that are pulled up or down. Withholding
backpressure on h signals to the previous
stage that the port should not be used.
Bad idle cell coding on
SE_D_IN#(3:0).
No backpressure sent out on h. All data dis-
carded. SE_INPUT_PORT_FAIL signaled
to the microprocessor.
Withholding backpressure on h signals to
the previous stage that the port should not
be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com