Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 93Page - PMC-Sierra, Inc PM73487 Datasheet HTML 94Page - PMC-Sierra, Inc PM73487 Datasheet HTML 95Page - PMC-Sierra, Inc PM73487 Datasheet HTML 96Page - PMC-Sierra, Inc PM73487 Datasheet HTML 97Page - PMC-Sierra, Inc PM73487 Datasheet HTML 98Page - PMC-Sierra, Inc PM73487 Datasheet HTML 99Page - PMC-Sierra, Inc PM73487 Datasheet HTML 100Page - PMC-Sierra, Inc PM73487 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
85
Figure 58 shows the channel RAM read timing.
Symbol
Parameter
Signals
Min
Max
Units
Tcyc
Clock period
ALRAM_CLK
10
ns
Tch
Clock high period
ALRAM_CLK
3
ns
Tcl
Clock low period
ALRAM_CLK
3
ns
Tadrsu
Address setup time
ALRAM_ADD(18:0),
ALRAMADD17N,
ALRAMADD18N
2.7
ns
Tadrh
Address hold time
ALRAM_ADD(18:0),
ALRAMADD17N,
ALRAMADD18N
1.5
ns
Toesu
Output enable setup time
/ALRAM_OE
3.5
ns
Toeh
Output enable hold time
/ALRAM_OE
-1
ns
Tadss
Address strobe setup time
/ALRAM_ADSC
2.8
ns
Tadh
Address strobe hold time
/ALRAM_ADSC
1.5
ns
Tds
(Write) Data valid before clock
ALRAM_DATA(16:0)
2.6
ns
Tdh
(Write) Data valid after clock
ALRAM_DATA(16:0)
1.5
ns
Twesu
Write enable setup time
/ALRAM_WE
2.9
ns
Tweh
Write enable hold time
/ALRAM_WE
1.2
ns
Figure 58. Channel RAM Read Timing
1
2
3
4
5
Tcyc
Tcyc
Tch
Tcl
Tch
Tcl
Tadss
Tadh
Toesu
Toeh
Tas
Tah
Tas
Tah
Twesu
Tweh
Trds
Trdh
Trds
Trdh
Trds
Trdh
VALID DATA
CHRAM READ CYCLE
CH_RAM_CLK
/CH_RAM_ADSC
/CH_RAM_OE
CH_RAM_ADD(17:0)
CH_RAM_ADD17N
/CH_RAM_WE
CH_RAM_DATA(31:0)
CH_RAM_PARITY0
CH_RAM_PARITY1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com