Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 68Page - PMC-Sierra, Inc PM73487 Datasheet HTML 69Page - PMC-Sierra, Inc PM73487 Datasheet HTML 70Page - PMC-Sierra, Inc PM73487 Datasheet HTML 71Page - PMC-Sierra, Inc PM73487 Datasheet HTML 72Page - PMC-Sierra, Inc PM73487 Datasheet HTML 73Page - PMC-Sierra, Inc PM73487 Datasheet HTML 74Page - PMC-Sierra, Inc PM73487 Datasheet HTML 75Page - PMC-Sierra, Inc PM73487 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
60
H2
CH_RAM_ADD
(0)
M2
CH_RAM_ADD
(11)
R26
SE_D_OUT0(0)
W1
3
VSS
AC2
CH_RAM_DAT
A(28)
H3
/
ABR_RAM_AD
V
M3
CH_RAM_ADD
(4)
R27
BP_ACK_IN(3)
W1
5
VSS
AC3
CH_RAM_DAT
A(30)
H4
ABR_RAM_AD(
14)
M4
CH_RAM_ADD
(5)
R28
SE_D_OUT0(2)
W1
7
VSS
AC4
/ALRAM_ADSC
H5
ABR_RAM_AD(
10)
M5
CH_RAM_ADD
(3)
R29
VSS
W1
9
VSS
AC5
ALRAM_ADD(4
)
H25
/
RX_DRAM_CS(
1)
M25
/
RX_DRAM_CA
S
T1
VDD
W2
5
SE_D_IN2(0)
AC2
5
TX_DRAM_DA
TA(22)
H26
RX_DRAM_AD
D(4)
M26
SE_D_OUT2(2)
T2
CH_RAM_DAT
A(6)
W2
6
SE_D_IN2(3)
AC2
6
TX_DRAM_DA
TA(27)
H27
/
RX_DRAM_WE
M27
SE_D_OUT2(0)
T3
CH_RAM_DAT
A(3)
W2
7
SE_D_IN3(3)
AC2
7
TX_DRAM_DA
TA(30)
H28
/
RX_DRAM_CS(
0)
M28
SE_D_OUT3(1)
T4
CH_RAM_DAT
A(2)
W2
8
RX_CELL_STA
RT
AC2
8
SE_D_IN0(1)
H29
VSS
M29
VSS
T5
CH_RAM_DAT
A(1)
W2
9
VDD
AC2
9
VDD
J1
VSS
N1
CH_RAM_ADD
(14)
T25
SE_SOC_IN(2)
Y1
VDD
AD
1
ALRAM_CLK
J2
/CH_RAM_OE
N2
CH_RAM_ADD
(13)
T26
PROC_MON
Y2
CH_RAM_DAT
A(20)
AD
2
ALRAMADD18
N
J3
/CH_RAM_WE0
N3
CH_RAM_ADD
(12)
T27
BP_ACK_OUT(
2)
Y3
CH_RAM_DAT
A(23)
AD
3
CH_RAM_PARI
TY1
J4
/
ABR_RAM_AD
SP
N4
CH_RAM_ADD
(10)
T28
BP_ACK_IN(0)
Y4
CH_RAM_DAT
A(21)
AD
4
ALRAMADD17
N
J5
ABR_RAM_AD(
15)
N5
CH_RAM_ADD
(1)
T29
VSS
Y5
CH_RAM_DAT
A(24)
AD
5
VSS
J25
RX_DRAM_AD
D(1)
N11
VSS
U1
CH_RAM_DAT
A(5)
Y25
SE_D_IN2(2)
AD
25
VSS
J26
RX_DRAM_AD
D(8)
N13
VSS
U2
CH_RAM_DAT
A(7)
Y26
SE_D_IN1(2)
AD
26
TX_DRAM_DA
TA(26)
J27
RX_DRAM_AD
D(3)
N15
VSS
U3
CH_RAM_DAT
A(8)
Y27
SE_D_IN2(1)
AD
27
TX_DRAM_DA
TA(28)
J28
RX_DRAM_CL
K
N17
VSS
U4
CH_RAM_DAT
A(12)
Y28
SE_D_IN3(0)
AD
28
SE_D_IN0(0)
J29
VSS
N19
VSS
U5
CH_RAM_DAT
A(15)
Y29
VDD
AD
29
SE_D_IN1(1)
K1
VDD
N25
RX_DRAM_BA
U11
VSS
Table 7. Signal Locations (Continued)
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com