Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 29Page - PMC-Sierra, Inc PM73487 Datasheet HTML 30Page - PMC-Sierra, Inc PM73487 Datasheet HTML 31Page - PMC-Sierra, Inc PM73487 Datasheet HTML 32Page - PMC-Sierra, Inc PM73487 Datasheet HTML 33Page - PMC-Sierra, Inc PM73487 Datasheet HTML 34Page - PMC-Sierra, Inc PM73487 Datasheet HTML 35Page - PMC-Sierra, Inc PM73487 Datasheet HTML 36Page - PMC-Sierra, Inc PM73487 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
21
2.4.2.1.1
Standard Single Cell Available Polling
In the standard single cell available polling mode, one cell available response occurs every two
clocks. Figure 21 shows the receive standard single cell available polling.
Figure 22 shows the transmit standard single cell available polling.
Figure 21. Receive Standard Single Cell Available Polling
Figure 22. Transmit Standard Single Cell Available Polling
1
2
3
4
5
6
7
8
9 10 1112 1314 1516 171819 20 21 2223 2425 262728 2930
hh
p
h
p
p
p
pp
ppp
p
ppp
p
p
p
ppp
pp
pp
p
01
1F
1F
1F
00
01
1F
1F
02
03
04
05
1F
1F
1F
06
07
1F
00
1
0
10
10
1
10
ATM_CLK
RATM_DATA(15:0)
RATM_ADD(4:0)
/RATM_READ_EN
RATM_CLAV(3:0)
RATM_SOC
1
2
3
4
5
6
7
8
9 1011 1213 1415 1617 1819 20 21 2223 2425 2627 2829 30
hp
p
p
p
pp
pp
pp
p
p
ppp
p
p
p
ppp
ppp
04
1F
1F
1F
00
01
1F
1F
02
03
04
05
1F
1F
1F
06
07
1F
01
0
101
01
1
hh
1F
h
01
00
ATM_CLK
TATM_DATA(15:0)
TATM_ADD(4:0)
/TATM_WRITE_EN
TATM_CLAV(3:0)
TATM_SOC
TATM_PARITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com