Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 13Page - PMC-Sierra, Inc PM73487 Datasheet HTML 14Page - PMC-Sierra, Inc PM73487 Datasheet HTML 15Page - PMC-Sierra, Inc PM73487 Datasheet HTML 16Page - PMC-Sierra, Inc PM73487 Datasheet HTML 17Page - PMC-Sierra, Inc PM73487 Datasheet HTML 18Page - PMC-Sierra, Inc PM73487 Datasheet HTML 19Page - PMC-Sierra, Inc PM73487 Datasheet HTML 20Page - PMC-Sierra, Inc PM73487 Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
5
1.2
622 Mbps Switch Configuration
The QRT can be used in a stand-alone application that supports ATM switching up to 622 Mbps,
as shown in Figure 3. The four switch fabric interfaces are looped back to the QRT, allowing the
UTOPIA interface to be fully used. In this application, the QRT operates as an output buffered
switch..
Figure 2. QRT System Overview
Figure 3. 622 Mbps Switch Configuration
Physical and/or
ATM Layers
QRT
(PM73487)
QSE
(PM73488)
Input Cell
SDRAM
Output Cell
SDRAM
Multicast
SRAM
Receive
Receive Nibble Data
Transmit Nibble Data
Transmit Feedback
Receive UTOPIA Level 2
Interface
Transmit UTOPIA Level
2 Interface
Control
SSRAM
Cells are stored in per-
priority queues on the output
with per-VC accounting
Cells are stored in per-VC queues on
the input and respond to per-cell
AAL1 SAR
Processor
(PM73121)
S/UNI-QUAD
(PM5349)
QRT
(PM73487)
2M
2M
155M
155M
UTOPIA Level 2 Multi-PHY Interface
1
1
8
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com