Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 70Page - PMC-Sierra, Inc PM73487 Datasheet HTML 71Page - PMC-Sierra, Inc PM73487 Datasheet HTML 72Page - PMC-Sierra, Inc PM73487 Datasheet HTML 73Page - PMC-Sierra, Inc PM73487 Datasheet HTML 74Page - PMC-Sierra, Inc PM73487 Datasheet HTML 75Page - PMC-Sierra, Inc PM73487 Datasheet HTML 76Page - PMC-Sierra, Inc PM73487 Datasheet HTML 77Page - PMC-Sierra, Inc PM73487 Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
62
AE1
VSS
AF1
VSS
AG
1
VDD
AH
1
VSS
AJ1
VDD
AE2
/ALRAM_OE
AF2
/ALRAM_WE
AG
2
ALRAM_ADD(1
)
AH
2
VSS
AJ2
VSS
AE3
ALRAM_ADD(0
)
AF3
ALRAM_ADD(2
)
AG
3
ALRAM_ADD(6
)
AH
3
VDD
AJ3
VDD
AE4
ALRAM_ADD(5
)
AF4
ALRAM_ADD(3
)
AG
4
ALRAM_ADD(1
0)
AH
4
ALRAM_ADD(1
2)
AJ4
VSS
AE5
VDD
AF5
ALRAM_ADD(7
)
AG
5
ALRAM_ADD(1
1)
AH
5
ALRAM_ADD(1
5)
AJ5
VDD
AE6
ALRAM_ADD(8
)
AF6
ALRAM_ADD(1
3)
AG
6
ALRAM_ADD(1
6)
AH
6
ALRAM_DATA
(0)
AJ6
ALRAM_DATA
(5)
AE7
ALRAM_ADD(9
)
AF7
ALRAM_ADD(1
4)
AG
7
ALRAM_ADD(1
7)
AH
7
ALRAM_DATA
(1)
AJ7
VSS
AE8
ALRAM_ADD(1
8)
AF8
ALRAM_DATA
(3)
AG
8
ALRAM_DATA
(7)
AH
8
ALRAM_DATA
(4)
AJ8
VSS
AE9
ALRAM_DATA
(2)
AF9
ALRAM_DATA
(8)
AG
9
ALRAM_DATA
(14)
AH
9
ALRAM_DATA
(15)
AJ9
VSS
AE1
0
ALRAM_DATA
(11)
AF1
0
ALRAM_DATA
(6)
AG
10
ALRAM_DATA
(10)
AH
10
ALRAM_DATA
(13)
AJ1
0
VDD
AE1
1
ALRAM_DATA
(9)
AF1
1
ALRAM_DATA
(12)
AG
11
ALRAM_DATA
(16)
AH
11
TATM_CLAV(3
)
AJ1
1
VDD
AE1
2
TATM_SOC
AF1
2
TATM_CLAV(0
)
AG
12
TATM_CLAV(1
)
AH
12
TATM_DATA(0
)
AJ1
2
VSS
AE1
3
TATM_PARITY
AF1
3
TATM_DATA(1
)
AG
13
TATM_DATA(3
)
AH
13
TATM_DATA(5
)
AJ1
3
TATM_DATA(6
)
AE1
4
/
TATM_WRITE_
EN
AF1
4
TATM_CLAV(2
)
AG
14
TATM_DATA(2
)
AH
14
TATM_DATA(4
)
AJ1
4
VDD
AE1
5
TATM_DATA(9
)
AF1
5
TATM_DATA(8
)
AG
15
TATM_DATA(7
)
AH
15
TATM_DATA(1
0)
AJ1
5
VSS
AE1
6
TATM_DATA(1
1)
AF1
6
TATM_DATA(1
3)
AG
16
TATM_DATA(1
2)
AH
16
TATM_DATA(1
4)
AJ1
6
VDD
AE1
7
TX_DRAM_AD
D(0)
AF1
7
TX_DRAM_BA
AG
17
TATM_ADD(3)
AH
17
TATM_DATA(1
5)
AJ1
7
TATM_ADD(1)
AE1
8
TX_DRAM_AD
D(1)
AF1
8
TATM_ADD(2)
AG
18
TATM_ADD(0)
AH
18
TX_DRAM_CL
K
AJ1
8
VSS
AE1
9
/
TX_DRAM_WE
AF1
9
/
TX_DRAM_CA
S
AG
19
/
TX_DRAM_RA
S
AH
19
TATM_ADD(4)
AJ1
9
VDD
AE2
0
TX_DRAM_DA
TA(0)
AF2
0
TX_DRAM_AD
D(7)
AG
20
TX_DRAM_AD
D(3)
AH
20
TX_DRAM_AD
D(5)
AJ2
0
VDD
Table 7. Signal Locations (Continued)
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com