Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 82Page - PMC-Sierra, Inc PM73487 Datasheet HTML 83Page - PMC-Sierra, Inc PM73487 Datasheet HTML 84Page - PMC-Sierra, Inc PM73487 Datasheet HTML 85Page - PMC-Sierra, Inc PM73487 Datasheet HTML 86Page - PMC-Sierra, Inc PM73487 Datasheet HTML 87Page - PMC-Sierra, Inc PM73487 Datasheet HTML 88Page - PMC-Sierra, Inc PM73487 Datasheet HTML 89Page - PMC-Sierra, Inc PM73487 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
74
4.3.11
Miscellaneous Signals
Table 19. Miscellaneous Signals (3 Signal Pins)
Signal Name
Ball
Type
Drive
/Input Level
Slew
Description
SYSCLK
B16
In
CMOS
System Clock provides a high speed clock
input for the state machine and the mem-
ory interfaces.
/OE
D5
In
CMOS
Output Enable is an active low signal that
enables all the outputs of the device. Set-
ting it high will tri-state all outputs except
PROCMON and disable all input pull up
resistors for in-circuit IDD tests.
/RESET
C3
In
5V or LV TTL
Reset is an active low signal used to ini-
tialize or re-initialize the device.
SE_CLK must be present for the reset to
take effect.
VDD
A3, A5, A10, A11, A14,
A16, A19, A20, A27,
A29, B2, C1, C29, K1,
K29, L1, L29, P1, P29,
T1, V29, W1, W29, Y1,
Y29, AC29, AE5, AG1,
AH3, AH29, AJ1, AJ3,
AJ5, AJ10, AJ11, AJ14,
AJ16, AJ19, AJ20, AJ27,
AJ29, E5, E25, AE25
In
N/A
Supply voltage 3.3 ± 5% V.
VSS
A2, A4, A7, A8, A9,
A12, A15, A18, A21,
A22, A23, A25, A26,
A28, B1, B29, D1, D26,
D29, E1, E6, E29, G1,
G29, H1, H29, J1, J29,
L11, L13, L15, L17, L19,
M1, M29, N11, N13,
N15, N17, N19, R1, R11,
R13, R17, R19, R29,
T29, U11, U13, U15,
U17, U19, V1, W11,
W13, W15, W17, W19,
AA1, AA29, AB1, AB29,
AC1, AD5, AD25, AE1,
AE29, AF1, AF29,
AG29, AH1, AH2, AH28,
AJ2, AJ4, AJ7, AJ8, AJ9,
AJ12, AJ15, AJ18, AJ21,
AJ22, AJ23, AJ25, AJ26,
AJ28
In
N/A
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com