Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 81Page - PMC-Sierra, Inc PM73487 Datasheet HTML 82Page - PMC-Sierra, Inc PM73487 Datasheet HTML 83Page - PMC-Sierra, Inc PM73487 Datasheet HTML 84Page - PMC-Sierra, Inc PM73487 Datasheet HTML 85Page - PMC-Sierra, Inc PM73487 Datasheet HTML 86Page - PMC-Sierra, Inc PM73487 Datasheet HTML 87Page - PMC-Sierra, Inc PM73487 Datasheet HTML 88Page - PMC-Sierra, Inc PM73487 Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
73
4.3.10
Boundary Scan Signals
Table 18. Test Signals (8 Signal Pins)
Signal Name
Ball
Type
Drive/Input
Level
Slew
Rate
Description
/JTAG_RESET
C4
In
CMOS
JTAG Reset is an active low, true asynchronous reset to the
JTAG controller.
JTAG_TCK
B5
In
CMOS
Scan Test Clock is an independent clock used to drive the inter-
nal boundary scan test logic. Connect this signal to VDD
through a pull-up resistor.
JTAG_TDI
B4
In
CMOS
Scan Test Data Input is the serial input for boundary scan test
data and instruction bits. Connect this signal to VDD through a
pull-up resistor.
JTAG_TDO
B3
Out
4 ma
Mod
Scan Test Data Output is the serial output for boundary scan
test data.
JTAG_TMS
C5
In
CMOS
Scan Test Mode Select controls the operation of the boundary
scan test logic. Connect this signal to VDD through a pull-up
resistor.
/TEST_MODE
D4
In
CMOS
This is a manufacturing test mode bit for manufacturing test. It
MUST be pulled up for functional mode on the board.
/SCAN_EN
E7
In
CMOS
Scan Test Enable is used to enable the internal scan test logic.
Connect this signal to VDD through a pull-up resistor.
PROC_MON
T26
Out
N/A
N/A
Process Monitor is used for manufacturing test. It is connected
to a NAND tree that may be used for VIL/VIH testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com