Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 72Page - PMC-Sierra, Inc PM73487 Datasheet HTML 73Page - PMC-Sierra, Inc PM73487 Datasheet HTML 74Page - PMC-Sierra, Inc PM73487 Datasheet HTML 75Page - PMC-Sierra, Inc PM73487 Datasheet HTML 76Page - PMC-Sierra, Inc PM73487 Datasheet HTML 77Page - PMC-Sierra, Inc PM73487 Datasheet HTML 78Page - PMC-Sierra, Inc PM73487 Datasheet HTML 79Page - PMC-Sierra, Inc PM73487 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
64
4.3.1
Processor Interface Signals
4.3.2
Statistics Interface Signal
Table 8. Processor Interface Signals (38 Pins)
Signal Name
Ball
Type
Drive/
Input Level
Slew
Rate
Description
PCLK
C6
In
CMOS
Processor Clock
ADDRDATA(31:0)
B8, B7, D9, C8, D8,
E10, C10, E9, D10,
B10, C9, B9, C11,
E12, E11, E13, D11,
C12, D13, B11, B12,
D12, C13, B13, C14,
A13, B14, C15, D14,
E14, B15, E15
Bidir
5 ma/ 5 V or
LV TTL
Mod-
erate
(Mod)
Address/Data Bits 31 to 0 are part of the
32-bit processor address/data bus.
/ADS
C7
In
5 V or LV
TTL
Address/Data Status is an active low sig-
nal that indicates an address state.
W_/RD
E8
In
5 V or LV
TTL
Write_/Read is an active high signal that
selects a write cycle when it is high.
/READY
D7
Out
5 ma
Mod
Ready is an active low signal that indi-
cates the processor cycle is finished.
When this signal is deasserted, it is driven
high, then tristated.
/CS
A6
In
5 V or LV
TTL
Chip Select is an active low signal that
selects the device for processor access.
/INTR
B6
Out
5 ma
Mod
Interrupt is an active low signal that indi-
cates an interrupt is present.
Table 9. Statistics Interface Signal (1 Pin)
Signal Name
Ball
Type
Drive/
Input Level
Slew
Rate
Description
STATS_STRB
D6
Out
8 ma
Mod
STATS_STRB is an active high signal that indicates a fixed
position in the cell time in the SYS_CLK domain. This can be
used to trigger external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com